Electronic Components Datasheet Search
  English  ▼

X  

LMC567 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMC567
Description  LMC567 Low-Power Tone Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC567 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC567 Datasheet HTML 4Page - Texas Instruments LMC567 Datasheet HTML 5Page - Texas Instruments LMC567 Datasheet HTML 6Page - Texas Instruments LMC567 Datasheet HTML 7Page - Texas Instruments LMC567 Datasheet HTML 8Page - Texas Instruments LMC567 Datasheet HTML 9Page - Texas Instruments LMC567 Datasheet HTML 10Page - Texas Instruments LMC567 Datasheet HTML 11Page - Texas Instruments LMC567 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
INPUT
1
F
Hz
2.8 RtCt
#
OSC
1
F
Hz
1.4 RtCt
#
VCO
Phase
Detector
Amplitude
Detector
÷2
÷2
1
2
3
4
8
7
6
5
LMC567
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
www.ti.com
9 Detailed Description
9.1 Overview
The LMC567C is a low-power, general-purpose tone decoder with similar functionality to the industry standard
LM567. The device requires external components set up the internal oscillator to run at twice the input frequency
and determine the required filter constants. Internal VCO and Phase detector form a Phase-locked loop which
locks to an input signal frequency that is established by external timing components. When PLL is locked, a
switch to ground is activated in the output of the device.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Oscillator
The voltage-controlled oscillator (VCO) on the LMC567 must be set up to run at twice the frequency of the input
signal tone to be decoded. The center frequency of the VCO is set by timing resistor Rt and timing capacitor Ct
connected to pins 5 and 6 of the IC. The center frequency as a function of Rt and Ct is given by Equation 4:
(4)
Because this causes an input tone of half Fosc to be decoded by Equation 5,
(5)
Equation 5 is accurate at low frequencies; however, above 50 kHz (Fosc = 100 kHz), internal delays cause the
actual frequency to be lower than predicted.
The choice of Rt and Ct is a tradeoff between supply current and practical capacitor values. An additional supply
current component is introduced in Equation 6 due to Rt being switched to Vs every half cycle to charge Ct:
Is due to Rt = Vs/(4Rt)
(6)
Thus the supply current can be minimized by keeping Rt as large as possible (see Figure 1). However, the
desired frequency dictates an RtCt product such that increasing Rt requires a smaller Ct. Below
Ct = 100 pF, circuit board stray capacitances begin to play a role in determining the oscillation frequency which
ultimately limits the minimum Ct.
To allow for IC and component value tolerances, the oscillator timing components requires a trim. This is
generally accomplished by using a variable resistor as part of Rt, although Ct could also be padded. The amount
of initial frequency variation due to the LMC567 itself is given in the Electrical Characteristics; the total trim range
must also accommodate the tolerances of Rt and Ct.
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com