Electronic Components Datasheet Search
  English  ▼

X  

LMC567 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMC567
Description  LMC567 Low-Power Tone Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC567 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMC567 Datasheet HTML 6Page - Texas Instruments LMC567 Datasheet HTML 7Page - Texas Instruments LMC567 Datasheet HTML 8Page - Texas Instruments LMC567 Datasheet HTML 9Page - Texas Instruments LMC567 Datasheet HTML 10Page - Texas Instruments LMC567 Datasheet HTML 11Page - Texas Instruments LMC567 Datasheet HTML 12Page - Texas Instruments LMC567 Datasheet HTML 13Page - Texas Instruments LMC567 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LMC567
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
These typical connection diagrams highlight the required external components and system level connections for
proper operation of the device in several popular use cases.
Any design variation can be supported by TI through schematic and layout reviews. Visit support.ti.com for
additional design assistance. Also, join the audio amplifier discussion forum at e2e.ti.com.
10.2 Typical Application
Figure 8. LMC567 Application Schematic
10.2.1 Design Requirements
For this design example, use the parameters listed in Table 2.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Supply voltage
2 V to 9 V
Input voltage
20 mVRMS to (VCC + 0.5)
Input frequency
1 Hz to 500 KHz
Output current maximum
30 mA
10
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com