Electronic Components Datasheet Search
  English  ▼

X  

LMC567 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC567
Description  LMC567 Low-Power Tone Decoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC567 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC567 Datasheet HTML 5Page - Texas Instruments LMC567 Datasheet HTML 6Page - Texas Instruments LMC567 Datasheet HTML 7Page - Texas Instruments LMC567 Datasheet HTML 8Page - Texas Instruments LMC567 Datasheet HTML 9Page - Texas Instruments LMC567 Datasheet HTML 10Page - Texas Instruments LMC567 Datasheet HTML 11Page - Texas Instruments LMC567 Datasheet HTML 12Page - Texas Instruments LMC567 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LMC567
www.ti.com
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
Feature Description (continued)
9.3.2 Input
The input pin 3 is internally ground-referenced with a nominal 40-k
Ω resistor. Signals which are already centered
on 0 V may be directly coupled to pin 3; however, any DC potential must be isolated through a coupling
capacitor. Inputs of multiple LMC567 devices can be paralleled without individual DC isolation.
9.3.3 Loop Filter
Pin 2 is the combined output of the phase detector and control input of the VCO for the phase-locked loop (PLL).
Capacitor C2 in conjunction with the nominal 80-k
Ω pin 2 internal resistance forms the loop filter.
For small values of C2, the PLL has a fast acquisition time and the pull-in range is set by the built in VCO
frequency stops, which also determines the largest detection bandwidth (LDBW). Increasing C2 results in
improved noise immunity at the expense of acquisition time, and the pull-in range begins to become narrower
than the LDBW (see Figure 4). However, the maximum hold-in range always equal the LDBW.
9.3.4 Output Filter
Pin 1 is the output of a negative-going amplitude detector which has a nominal 0 signal output of 7/9 Vs. When
the PLL is locked to the input, an increase in signal level causes the detector output to move negative. When pin
1 reaches 2/3 Vs, the output is activated (see Output).
Capacitor C1 in conjunction with the nominal 40-k
Ω pin 1 internal resistance forms the output filter. The size of
C1 is a tradeoff between slew rate and carrier ripple at the output comparator. Low values of C1 produce the
least delay between the input and output for tone burst applications, while larger values of C1 improve noise
immunity.
Pin 1 also provides a means for shifting the input threshold higher or lower by connecting an external resistor to
supply or ground. However, reducing the threshold using this technique increases sensitivity to pin 1 carrier
ripple and also results in more part to part threshold variation.
9.3.5 Output
The output at pin 8 is an N-channel FET switch to ground which is activated when the PLL is locked and the
input tone is of sufficient amplitude to cause pin 1 to fall below 2/3 Vs. Apart from the obvious current component
due to the external pin 8 load resistor, no additional supply current is required to activate the switch. The ON-
resistance of the switch is inversely proportional to supply; thus the sat voltage for a given output current
increases at lower supplies.
9.4 Device Functional Modes
9.4.1 Operation as LM567
The LMC567 low power tone decoder can be operated at supply voltages of 2 V to 9 V and at input frequencies
ranging from 1 Hz up to 500 kHz.
The LMC567 can be directly substituted in most LM567 applications with the following provisions:
1. Oscillator timing capacitor Ct must be halved to double the oscillator frequency relative to the input frequency
(see Oscillator).
2. Filter capacitors C1 and C2 must be reduced by a factor of 8 to maintain the same filter time constants.
3. The output current demanded of pin 8 must be limited to the specified capability of the LMC567.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com