Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3995
Description  LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3995 Datasheet(HTML) 5 Page - Texas Instruments

  LP3995 Datasheet HTML 1Page - Texas Instruments LP3995 Datasheet HTML 2Page - Texas Instruments LP3995 Datasheet HTML 3Page - Texas Instruments LP3995 Datasheet HTML 4Page - Texas Instruments LP3995 Datasheet HTML 5Page - Texas Instruments LP3995 Datasheet HTML 6Page - Texas Instruments LP3995 Datasheet HTML 7Page - Texas Instruments LP3995 Datasheet HTML 8Page - Texas Instruments LP3995 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP3995
www.ti.com
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
6.4 Thermal Information
LP3995
THERMAL METRIC(1)
YZR (DSBGA)
NGD (WSON)
UNIT
5 PINS
6 PINS
RθJA
(2)
Junction-to-ambient thermal resistance, High-K
181.2
68.5(3)
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.8
71.8
°C/W
RθJB
Junction-to-board thermal resistance
107.9
35.2
°C/W
ψJT
Junction-to-top characterization parameter
0.5
1.4
°C/W
ψJB
Junction-to-board characterization parameter
107.9
35.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
8.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
(3)
The PCB for the NGD (WSON) package RθJA includes two (2) thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
6.5 Electrical Characteristics
Unless otherwise noted, VEN = 1.5 V, VIN = VOUT + 1 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF, CBYPASS = 0.01 µF. Typical
(TYP) values and limits apply for TJ = 25°C; minimum (MIN) and maximum (MAX) apply over the full temperature range for
operation,
−40 to +125°C, unless otherwise specified in the Test Conditions.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.5
6
V
DEVICE OUTPUT: 1.5
≤ VOUT < 1.8V
IOUT = 1 mA, TJ = 25°C
–50
50
Output voltage tolerance
mV
IOUT = 1 mA
–75
75
VIN = (VOUT(NOM)+1 V) to 6V,
ΔVOUT
Line regulation error
–3.5
3.5
µV/mA
IOUT = 1 mA
Load regulation error, DSBGA
IOUT = 1 mA to 150 mA
10
75
µV/mA
Load regulation error, WSON
IOUT = 1 mA to 150 mA
70
125
µV/mA
ƒ = 1 kHz, IOUT = 1 mA
55
PSRR
Power supply rejection ratio(3)
dB
ƒ = 10 kHz, IOUT = 1 mA
53
DEVICE OUTPUT: 1.8 V
≤ VOUT < 2.5 V
IOUT = 1 mA, TJ = 25°C
–50
50
Output voltage tolerance
mV
IOUT = 1 mA
–75
75
VIN = (VOUT(NOM)+1 V) to 6 V,
Line regulation error, DSBGA
–2.5
2.5
mV/V
IOUT = 1 mA
ΔVOUT
VIN = (VOUT(NOM)+1 V) to 6 V
Line regulation error, WSON
–3.5
3.5
mV/V
IOUT = 1 mA
Load regulation error, DSBGA
IOUT = 1 mA to 150 mA
10
75
µV/mA
Load regulation error, WSON
IOUT = 1 mA to 150 mA
80
125
µV/mA
ƒ = 1 kHz, IOUT = 1 mA
55
PSRR
Power supply rejection ratio(3)
dB
ƒ = 10 kHz, IOUT = 1 mA
50
(1)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production at TJ = 25°C or correlated
using Statistical Quality Control methods. Operation over the temperature specification is specified by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
VOUT(NOM) is the stated output voltage option for the device.
(3)
This electrical specification is ensured by design.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3995



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com