Electronic Components Datasheet Search
  English  ▼

X  

LP3995 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3995
Description  LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3995 Datasheet(HTML) 1 Page - Texas Instruments

  LP3995 Datasheet HTML 1Page - Texas Instruments LP3995 Datasheet HTML 2Page - Texas Instruments LP3995 Datasheet HTML 3Page - Texas Instruments LP3995 Datasheet HTML 4Page - Texas Instruments LP3995 Datasheet HTML 5Page - Texas Instruments LP3995 Datasheet HTML 6Page - Texas Instruments LP3995 Datasheet HTML 7Page - Texas Instruments LP3995 Datasheet HTML 8Page - Texas Instruments LP3995 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
OUT
IN
EN
6
2
3
4
BYPASS
1
10 nF
1 µF
1 µF
Input
Enable
GND
LP3995
Load
CIN
CBP
COUT
(C3)
(A1)
(B2)
(A3)
(C1)
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3995
SNVS179F – FEBRUARY 2003 – REVISED SEPTEMBER 2015
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
1 Features
3 Description
The LP3995 linear regulator is designed to meet the
1
•
Input Range: 2.5 V to 6 V
requirements
of
portable
battery-powered
•
Accurate Output Voltage: ±75 mV / 2%
applications, providing an accurate output voltage
•
Typical Dropout with 150 mA Load: 60 mV
with low noise and low quiescent current. Ideally
suited for powering RF and analog devices, this
•
Virtually Zero Quiescent Current When Disabled
device can also be used to meet more general circuit
•
Low Output Voltage Noise
needs in which a fast turnoff is essential.
•
Stable With a 1-µF Output Capacitor
For battery-powered applications the low dropout and
•
Output Current: 150 mA
low ground current provided by the device allows the
•
Fast Turnon: 30 µs (Typical)
lifetime
of
the
battery
to
be
maximized.
The
Enable(/Disable) control function allows the system to
•
Fast Turnoff: 175 µs (Typical)
further extend the battery lifetime by reducing the
•
Stable With Ceramic Capacitor
power consumption to virtually zero. This function
•
Logic Controlled Enable
also incorporates an active discharge circuit on the
•
Fast Turnon
output for faster device shutdown. Where the fast
turnoff is not required the LP3999 linear regulator is
•
Active Disable for Fast Turnoff
recommended. The LP3995 also features internal
•
Thermal-Overload and Short-Circuit Protection
protection
against
short-circuit
currents
and
•
−40 to +125°C Junction Temperature Range for
overtemperature conditions.
Operation
The LP3995 is designed to be stable with small 1-µF
ceramic capacitors. The small outline of the LP3995
2 Applications
DSBGA package with the required ceramic capacitors
can realize a system application within minimal board
•
GSM Portable Phones
area. Performance is specified for a
−40°C to +125°C
•
CDMA Cellular Handsets
temperature range.
•
Wideband CDMA Cellular Handsets
The LP3995 is available in fixed output voltages from
•
Bluetooth Devices
1.5 V to 3.3 V, in DSBGA or WSON packages. For
•
Portable Information Appliances
other package options or output-voltage options,
contact your local TI sales office.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
DSBGA (5)
1.502 mm × 1.045 mm (MAX)
LP3995
WSON (6)
3.29 mm × 2.92 mm (NOM)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
logo
Lowpower Semiconductor ...
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
National Semiconductor ...
LP3995ILD-1.5 NSC-LP3995ILD-1.5 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
More results

Similar Description - LP3995

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Microchip Technology
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
150 mA, Tiny CMOS LDO With Shutdown
2003
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Microchip Technology
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
150 mA, Tiny CMOS LDO With Shutdown
11/29/12
logo
Texas Instruments
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com