Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 18 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 14Page - Texas Instruments LP8557 Datasheet HTML 15Page - Texas Instruments LP8557 Datasheet HTML 16Page - Texas Instruments LP8557 Datasheet HTML 17Page - Texas Instruments LP8557 Datasheet HTML 18Page - Texas Instruments LP8557 Datasheet HTML 19Page - Texas Instruments LP8557 Datasheet HTML 20Page - Texas Instruments LP8557 Datasheet HTML 21Page - Texas Instruments LP8557 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Brightness (PWM)
Time
Slope Time
Advanced slope
Brightness (PWM)
Sloper Input
PWM Output
Time
Normal slope
LED1
LED2
LED3
LED4
LED5
LED6
60 degrees
Phase Delay
1/(fPWM)
Cycle Time
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
Figure 30. Phase Shift PWM Dimming Scheme Diagram
8.3.3 Slope and Advanced Slope
The transition time between two brightness values can be programmed with the STEP bits from 0 to 200 ms. The
same slope time is used for sloping up and down. With advanced slope the brightness changes can be made
more pleasing to a human eye. It is implemented with a digital smoothing filter. The filter strength is set with
SMOOTH bits.
Figure 31. Slope and Advanced Slope
8.3.4 LED String Count Auto Detection
The LP8557 and LP8557I can auto-detect the number of the LED strings attached. During the auto-detect
routine, the devices automatically remove the unused current sink(s) and adjust the phasing of the remaining
current sinks. The LED OPEN* fault condition is not supported with auto-detect function enabled. On the
LP8557I, the user may disable the function by setting CONFIG.AUTO bit to 0 via an I2C write.
18
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com