Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 27 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 23Page - Texas Instruments LP8557 Datasheet HTML 24Page - Texas Instruments LP8557 Datasheet HTML 25Page - Texas Instruments LP8557 Datasheet HTML 26Page - Texas Instruments LP8557 Datasheet HTML 27Page - Texas Instruments LP8557 Datasheet HTML 28Page - Texas Instruments LP8557 Datasheet HTML 29Page - Texas Instruments LP8557 Datasheet HTML 30Page - Texas Instruments LP8557 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
8.6.1.5 CONFIG
Address: 0x10h
Reset: 0x07h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
PWMSB
—
AUTO
BRTMODE[1:0]
Bits
Field
Type
Default
Description
7
PWMSB
R/W
0b
Enables PWM standby mode
0 = COMMAND.ON alone turns the backlight on/off (Default)
1 = turn off the backlight after 52 ms of PWM pin low
6:3
reserved
R/O
0000b
2
AUTO
R/W
1b
Automatic LED string configuration0 = enable LED strings using just
LEDEN.ENABLE
1 = disable all open LED strings (Default)
1:0
BRTMODE
R/W
11b
Brightness mode
00 = PWM
01 = BRTHI/BRTLO registers
10 = PWM × unshaped BRTHI/BRTLO registers
11 = Unshaped PWM × BRTHI/BRTLO registers
The AUTO bit is set, and the LED string configuration is done automatically. The LP8557I allows users to disable
the auto-detect function by setting AUTO bit to 0b.
8.6.1.6 CURRENT
Address: 0x11h
Reset: 0x07h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
ISET
——
MAXCURR[2:0]
Bits
Field
Type
Default
Description
7
ISET
R/W
0b
Set full-scale LED current via the ISET pin.
0 = Full-scale current is set with MAXCURR bits. (Default)
1 = Full-scale current is set with an external, RISET, resistor.
6:3
reserved
R/O
0000b
2:0
MAXCURR
R/W
111b
Full-scale current (100% brightness).
000 = 5 mA
001 = 10 mA
010 = 13 mA
011 = 15 mA
100 = 18 mA
101 = 20 mA
110 = 23 mA
111 = 25 mA (Default)
The ISET bit determines how the maximum LED current is set. On the LP8557I (ISET = 0), the maximum LED
current is 25 mA. It may be re-configured via the I2C interface by overriding MAXCURR bits. Note that re-
configuration must be done every time the power on VDD pin is recycled.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com