Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 25 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 21Page - Texas Instruments LP8557 Datasheet HTML 22Page - Texas Instruments LP8557 Datasheet HTML 23Page - Texas Instruments LP8557 Datasheet HTML 24Page - Texas Instruments LP8557 Datasheet HTML 25Page - Texas Instruments LP8557 Datasheet HTML 26Page - Texas Instruments LP8557 Datasheet HTML 27Page - Texas Instruments LP8557 Datasheet HTML 28Page - Texas Instruments LP8557 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
LP8557, LP85571
www.ti.com
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
8.6.1.2 STATUS
Address: 0x01h
Reset: 0x00h
D7
D6
D5
D4
D3
D2
D1
D0
LED_OPEN*
LED_SHORT
–
BST_UV
BST_OVP
BST_OCP
TSD
UVLO
Bits
Field
Type
Default
Description
7
LED_OPEN*
R/O
0b
An LED_OPEN* condition was detected on one or more strings. The condition is set
when the headroom voltage on one or more current sinks is below the LOW
comparator threshold, and the boost voltage is at the maximum. This fault condition
may be caused by one or more OPEN LED strings or by one or more current sinks
shorted to GND. Once set this bit stays set until the STATUS register is read. An
LED_OPEN* condition turns off the backlight when CONFIG.AUTO is 0. When
CONFIG.AUTO is 1, the condition is never set.
6
LED_SHORT
R/O
0b
An LED SHORT condition was detected on one or more strings. The condition is set
when the headroom voltage on one or more current sinks is above the FAULT
comparator threshold and at least one driver has the headroom voltage in regulation
(between LOW and MID comparator thresholds). This fault condition may be caused
by one or more shorted LEDs on one or more (but not all) strings. Once set this bit
stays set until the STATUS register is read.
5
reserved
R/O
0b
4
BST_UV
R/O
0b
A boost output undervoltage condition was detected. The boost voltage is 2.5 V
(typical) or more below the target. Once set this bit stays set until the STATUS
register is read.
3
BST_OVP
R/O
0b
A boost overvoltage protection condition was detected. The boost voltage is 1.6 V
(typical) above the VMAX value. Once set this bit stays set until the STATUS register
is read.
2
BST_OCP
R/O
0b
A boost overcurrent protection condition was detected. Once set this bit stays set
until the STATUS register is read.
1
TSD
R/O
0b
A thermal shutdown condition was detected. Once set, this bit stays set until the
STATUS register is read. A thermal shutdown condition turns off the backlight.
0
UVLO
R/O
0b
An input undervoltage lockout condition was detected. Once set, this bit stays set
until the STATUS register is read. An undervoltage lockout condition turns off the
backlight.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com