Electronic Components Datasheet Search
  English  ▼

X  

LP8557 Datasheet(PDF) 24 Page - Texas Instruments

Part # LP8557
Description  LP8557 High-Efficiency LED Backlight Driver For Tablets
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8557 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8557 Datasheet HTML 20Page - Texas Instruments LP8557 Datasheet HTML 21Page - Texas Instruments LP8557 Datasheet HTML 22Page - Texas Instruments LP8557 Datasheet HTML 23Page - Texas Instruments LP8557 Datasheet HTML 24Page - Texas Instruments LP8557 Datasheet HTML 25Page - Texas Instruments LP8557 Datasheet HTML 26Page - Texas Instruments LP8557 Datasheet HTML 27Page - Texas Instruments LP8557 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
LP8557, LP85571
SNVSA15B – DECEMBER 2013 – REVISED DECEMBER 2015
www.ti.com
8.6 Register Maps
The register map is useful for LP8557I users intending to re-configure the register reset values. If re-
configuration is necessary, it has to be done every time the power on VDD pin is recycled.
There is a restriction on register writes. The COMMAND, BRTLO, and BRTHI registers can be written at any
time; however, the remaining registers only accept writes when the COMMAND.ON bit is low. All registers can be
read at any time.
Many registers contain empty bit locations. These blank areas are reserved for future use. When writing to a
register any empty fields must not be modified; when reading a register, these empty fields should be ignored.
8.6.1 Register Bit Descriptions
8.6.1.1 COMMAND
Address: 0x00h
Reset: 0x00h (LP8557I)
D7
D6
D5
D4
D3
D2
D1
D0
RESET
—
SREN
SSEN
ON
Bits
Field
Type
Default
Description
7
RESET
R/W
0b
Write 1 to reset the device. This bit is self-clearing and is always 0 when read.
6:3
reserved
R/O
0000b
2
SREN
R/W
0b
Enable the boost slew rate control.
0 = Slew-rate control off (Default)
1 = Slew-rate control on
1
SSEN
R/W
0b
Enable the spread-spectrum boost clocking.
0 = Spread-spectrum off (Default)
1 = Spread-spectrum on
0
ON
R/W
See Description
Turn on the backlight.
0 = backlight off (Default)
1 = backlight on
The COMMAND.ON bit is used to turn on the backlight.
The COMMAND.SSEN and COMMAND.SREN bits may be updated at any time. It is not necessary for the
backlight to be off when changing COMMAND.SSEN or COMMAND.SREN.
24
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LP8557 LP85571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com