Electronic Components Datasheet Search
  English  ▼

X  

REF30XX Datasheet(PDF) 2 Page - Texas Instruments

Part # REF30XX
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30XX Datasheet(HTML) 2 Page - Texas Instruments

  REF30XX Datasheet HTML 1Page - Texas Instruments REF30XX Datasheet HTML 2Page - Texas Instruments REF30XX Datasheet HTML 3Page - Texas Instruments REF30XX Datasheet HTML 4Page - Texas Instruments REF30XX Datasheet HTML 5Page - Texas Instruments REF30XX Datasheet HTML 6Page - Texas Instruments REF30XX Datasheet HTML 7Page - Texas Instruments REF30XX Datasheet HTML 8Page - Texas Instruments REF30XX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 REF30E...................................................................... 5
6.6 REF30.........................................................................8
6.7 Typical Characteristics REF30E............................... 10
6.8 Typical Characteristics REF30..................................12
7 Detailed Description......................................................16
7.1 Overview................................................................... 16
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................18
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 20
8.3 Power Supply Recommendations.............................22
8.4 Layout....................................................................... 22
9 Device and Documentation Support............................23
9.1 Documentation Support............................................ 23
9.2 Related Links............................................................ 23
9.3 Receiving Notification of Documentation Updates....23
9.4 Support Resources................................................... 23
9.5 Trademarks...............................................................23
9.6 Electrostatic Discharge Caution................................23
9.7 Glossary....................................................................23
10 Revision History.......................................................... 24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 24
4 Device Comparison Table
Device Comparison
PRODUCT
Voltage
REF30(1)
REF30E (2)
REF3012AIDBZR
REF3012EAIDBZR
1.25V
REF3016EAIDBZR
1.65V
REF3018EAIDBZR
1.8V
REF3020AIDBZR
REF3020EAIDBZR
2.048V
REF3025AIDBZR
REF3025EAIDBZR
2.5V
REF3030AIDBZR
REF3030EAIDBZR
3V
REF3033AIDBZR
REF3033EAIDBZR
3.3V
REF3040AIDBZR
REF3040EAIDBZR
4.096V
REF3045EAIDBZR
4.5V
REF3050EAIDBZR
5.0V
(1)
This family is released to market.
(2)
Product preview. Contact local TI support for samples.
Specification comparision
PART NUMBER
Initial Accuracy(%)
Max Temperature Drift (ppm/°C)
IQ (µA)
REF30
±0.2
75 (–40°C to +125°C),
65 (–40°C to +125°C),
50 (0°C to 70°C)
42
REF30E
±0.1
20 (–40°C to +125°C),
15 (–40°C to +125°C),
15 (0°C to 70°C)
25
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com