Electronic Components Datasheet Search
  English  ▼

X  

REF30XX Datasheet(PDF) 13 Page - Texas Instruments

Part # REF30XX
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30XX Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF30XX Datasheet HTML 9Page - Texas Instruments REF30XX Datasheet HTML 10Page - Texas Instruments REF30XX Datasheet HTML 11Page - Texas Instruments REF30XX Datasheet HTML 12Page - Texas Instruments REF30XX Datasheet HTML 13Page - Texas Instruments REF30XX Datasheet HTML 14Page - Texas Instruments REF30XX Datasheet HTML 15Page - Texas Instruments REF30XX Datasheet HTML 16Page - Texas Instruments REF30XX Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.8 Typical Characteristics REF30 (continued)
at TA = 25°C, VIN = 5V, and REF3025 used for typical characteristics (unless otherwise noted)
200
150
100
50
0
-50
Temperature (°C)
-40
-20
0
20
60
40
80
100
120
140
Figure 6-14. Line Regulation vs Temperature
100
10
1
0.1
0.01
1
10
100
1k
10k
100k
Frequency (Hz)
Figure 6-15. Output Impedance vs Frequency
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
Frequency (Hz)
Figure 6-16. Power-Supply Rejection Ratio vs Frequency
2.500010
2.500000
2.499990
2.499980
2.499970
2.499960
2.499950
2.499940
2.499930
2.499920
2.5
3
3.5
4
4.5
5
5.5
6
Supply (V)
No Load
Figure 6-17. Output Voltage vs Supply Voltage
2.500200
2.500100
2.500000
2.499900
2.499800
2.499700
2.499600
2.499500
2.499400
2.499300
2.5
3
3.5
4
4.5
5
5.5
6
Supply (V)
ILOAD = 25mA
Figure 6-18. Output Voltage vs Supply Voltage
2.500010
2.500000
2.499990
2.499980
2.499970
2.499960
2.499950
2.499940
2.499930
0
5
10
15
20
25
30
Load Current (mA)
Figure 6-19. Output Voltage vs Load Current
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com