Electronic Components Datasheet Search
  English  ▼

X  

REF30XX Datasheet(PDF) 20 Page - Texas Instruments

Part # REF30XX
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30XX Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF30XX Datasheet HTML 16Page - Texas Instruments REF30XX Datasheet HTML 17Page - Texas Instruments REF30XX Datasheet HTML 18Page - Texas Instruments REF30XX Datasheet HTML 19Page - Texas Instruments REF30XX Datasheet HTML 20Page - Texas Instruments REF30XX Datasheet HTML 21Page - Texas Instruments REF30XX Datasheet HTML 22Page - Texas Instruments REF30XX Datasheet HTML 23Page - Texas Instruments REF30XX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
For normal operation, the REF30 does not require a capacitor on the output. If a capacitive load is connected,
take special care when using low equivalent series resistance (ESR) capacitors and high capacitance. This
precaution is especially true for low-output voltage devices; therefore, for the REF3012 use a low-ESR
capacitance of 10μF or less. Figure 8-1 shows the typical connections required for operation of the REF30.
A supply bypass capacitor of 0.1μF is always recommended.
V
OUT
V
IN
1
2
3
0.1μF
REF30
Figure 8-1. Typical Connections for Operating REF30
8.2 Typical Application
Figure 8-2 shows a low-power reference and conditioning circuit. This circuit attenuates and level-shifts a bipolar
input voltage within the proper input range of a single-supply low power 16-Bit ΔΣ ADC, such as the one inside
the MSP430 or other similar single-supply ADCs. Precision reference circuits are used to level-shift the input
signal, provide the ADC reference voltage and to create a well-regulated supply voltage for the low-power analog
circuitry. A low-power, zero-drift, op-amp circuit is used to attenuate and level-shift the input signal.
+
+
±
+
±
IN OUT
REF3012
IN
OUT
REF3030
3.3 V
R2
R1
1.25 V
20 k
R3
3.0 V
VOUT
20 k
OPA317
100 k
10 k
3.0 V
1.25 V
3.3 V
IN+
IN±
SD_16
J1.2/A1+
J1.3/A1±
J1.5/VREF
0.625 V
C2
47 µF
R6
47 k
R7
47 k
VIN
±5 V
R4
A-ADC
R5
3.0 V
MSP430F2013
Launchpad
100 k
Copyright © 2016, Texas Instruments Incorporated
Figure 8-2. Low-Power Reference and Bipolar Voltage Conditioning Circuit for Low-Power ADCs
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com