Electronic Components Datasheet Search
  English  ▼

X  

REF30XX Datasheet(PDF) 4 Page - Texas Instruments

Part # REF30XX
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF30XX Datasheet(HTML) 4 Page - Texas Instruments

  REF30XX Datasheet HTML 1Page - Texas Instruments REF30XX Datasheet HTML 2Page - Texas Instruments REF30XX Datasheet HTML 3Page - Texas Instruments REF30XX Datasheet HTML 4Page - Texas Instruments REF30XX Datasheet HTML 5Page - Texas Instruments REF30XX Datasheet HTML 6Page - Texas Instruments REF30XX Datasheet HTML 7Page - Texas Instruments REF30XX Datasheet HTML 8Page - Texas Instruments REF30XX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, IN to GND
REF30xx
7
V
REF30xxE
6
V
Output short-circuit current(2)
70
mA
Operating temperature
-40
125
°C
Junction temperature (TJ max)
150
°C
Storage temperature range (Tstg)
-65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods can affect device
reliability.
(2)
Short circuit to ground.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge (3)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±4000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±1500
V(ESD)
Electrostatic discharge (4)
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
all pins(1)
±2000
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
±500
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
(3)
Specification for REF30
(4)
Specification for REF30E
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage(2)
VOUT + 0.05(1)
5.5
V
VIN
Input voltage(3)
VOUT + 0.2(1)
5.75
V
ILOAD
Load current(2)
25
mA
ILOAD
Load current(3)
–10
10
mA
TA
Operating temperature
–40
125
°C
(1)
For IL > 0mA, see respective electrical table. Minimum supply voltage for REF3012, REF3012E AND REF3016E is 1.8V .
(2)
Specification for REF30xx
(3)
Specification for REF30xxE
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com