Electronic Components Datasheet Search
  English  ▼

X  

DFR0267 Datasheet(PDF) 13 Page - DFROBOT

Part # DFR0267
Description  Bluno SKU:DFR0267
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0267 Datasheet(HTML) 13 Page - DFROBOT

Back Button DFR0267 Datasheet HTML 9Page - DFROBOT DFR0267 Datasheet HTML 10Page - DFROBOT DFR0267 Datasheet HTML 11Page - DFROBOT DFR0267 Datasheet HTML 12Page - DFROBOT DFR0267 Datasheet HTML 13Page - DFROBOT DFR0267 Datasheet HTML 14Page - DFROBOT DFR0267 Datasheet HTML 15Page - DFROBOT DFR0267 Datasheet HTML 16Page - DFROBOT DFR0267 Datasheet HTML 17Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AT+ROLE=?<CR+LF>
Request the CENTRAL-PERIPHERAL
configuration (default: ROLE_PERIPHERAL)
3. "AT+MIN_INTERVAL" change the minimum connection interval
AT+MIN_INTERVAL=10<CR+LF>
Recommended minimum connection interval (10ms) for PC
and Android
AT+MIN_INTERVAL=20<CR+LF>
Recommended minimum connection interval (20ms) for IOS
AT+MIN_INTERVAL=?<CR+LF>
Request the minimum connection interval (default: 10)
4. "AT+MAX_INTERVAL" change the maximum connection interval
AT+MAX_INTERVAL=10<CR+LF>
Recommended maximum connection interval (10ms) for
PC and Android
AT+MAX_INTERVAL=40<CR+LF>
Recommended maximum connection interval (40ms) for
IOS
AT+MAX_INTERVAL=?<CR+LF>
Request the maximum connection interval (default: 10)
5. "AT+UART" change the baud rate of UART
AT+UART=115200<CR+LF>
Set the baud rate to 115200
AT+UART=?<CR+LF>
Request the baud rate of UART (default:
115200,8,N,1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com