Electronic Components Datasheet Search
  English  ▼

X  

DFR0267 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0267
Description  Bluno SKU:DFR0267
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0267 Datasheet(HTML) 2 Page - DFROBOT

  DFR0267 Datasheet HTML 1Page - DFROBOT DFR0267 Datasheet HTML 2Page - DFROBOT DFR0267 Datasheet HTML 3Page - DFROBOT DFR0267 Datasheet HTML 4Page - DFROBOT DFR0267 Datasheet HTML 5Page - DFROBOT DFR0267 Datasheet HTML 6Page - DFROBOT DFR0267 Datasheet HTML 7Page - DFROBOT DFR0267 Datasheet HTML 8Page - DFROBOT DFR0267 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
really easily. What's more, we also developed the App for the Bluno (both Android and IOS), and
they are completely opensource, so that you can modify and develope your own BLE-hardware
platform.
For the demo application and Arduino code, we integrated dfrobot wireless libraries for the
beginners. The idea is to offer a simple way for you to use wireless modules without learning the
sophisticated wireless comunication protocol. However, for the developer, recommend to custom or
choose the protocol according to the product features or the application.
By the way, except of many other BLE products, we also developed the Accessory Shield for Bluno
for you to help you build your idea faster and easier, enjoy your wireless journey!
Keep Your Bluno Updated
We have released a new version bootloader which is much more stable than the last
version. Especially that it can resist in insufficient power supply, motor magnetic-field
interferenceit, etc. Visit forum to find how, How to upgrade DF BLE device bootloader to
2.0?
To avoid getting your BLE card defective (bootloader lost), please read Common
Arduino Operation Notes, NO.1
Specification
Basic
Feature
On-board BLE chip: TI CC2540
Baud Rate: 9600 - 115200 bps
Transmission range(Open Space):
more than 70m
Transmission range(Office): about 20m
Power Supply:USB Powered or
External 7V~12V DC
Output Current (I/O pin): 40mA
Output Current (Power pin): 200mA
Microcontroller: Atmega328
Bootloader: Arduino Uno
Compatible with the Arduino Uno pin
mapping
Size: 60mm * 53mm
Weight: 30g
Support Wireless Programming Via BLE
Support Bluetooth HID
Support IBeacons
Support AT command to config the BLE
Transparent communication through Serial
BLE firmware updating
Supported:
Android System 4.3+ with BLE4.0 module inside with
original firmware with BLE driver. e.g. Nexus 4+,Xaiomi
2s,Samsung Galaxy s4,Samsung Galaxy note 3 etc.
iOS 7.0+ devices: iPhone 4s+, iPad 3+, iPad Mini, iPod 5th
Gen (iPhone 4s is not 100% supported.)
Not compatible with:
Other brand BLE modules/devices since different firmware
using in CC2540 e.g. FAQ > Q12
Bluetooth 2.0 or other types of bluetooth modules/devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com