Electronic Components Datasheet Search
  English  ▼

X  

DFR0323 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0323
Description  Bluno Mega 2560 (SKU:DFR0323)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0323 Datasheet(HTML) 3 Page - DFROBOT

  DFR0323 Datasheet HTML 1Page - DFROBOT DFR0323 Datasheet HTML 2Page - DFROBOT DFR0323 Datasheet HTML 3Page - DFROBOT DFR0323 Datasheet HTML 4Page - DFROBOT DFR0323 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pin Out
 
 
 
 
 
 
Fig1: Bluno Mega2560 Pin Out 
The figure above shows Bluno Mega2560 controller with all the ports, which includes:
Power: USB power supply or external DC2.1 power supply; automatically disconnect USB power 
supply when using an external power supply; external power supply transformed as stable 5V 
through an on‐board DC‐DC power conversion; current output capacity up to 2A, and USB 
power supply 5V when the maximum output current is 500mA. 
DC2.1 power input interface, voltage range: 5‐23V 
USB interface, power supply and communication 
2 I2Cs 
4 UARTs (hardware serial ports) 
54 digital input/output pins (of which 14 can be used as PWM outputs) 
16 analog inputs 
5V and 3.3V output 
A reset button 
A BLE chip firmware update button 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com