Electronic Components Datasheet Search
  English  ▼

X  

DFR0323 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0323
Description  Bluno Mega 2560 (SKU:DFR0323)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0323 Datasheet(HTML) 2 Page - DFROBOT

  DFR0323 Datasheet HTML 1Page - DFROBOT DFR0323 Datasheet HTML 2Page - DFROBOT DFR0323 Datasheet HTML 3Page - DFROBOT DFR0323 Datasheet HTML 4Page - DFROBOT DFR0323 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Introduction
Arduino Mega Arduino is the high-end series of the Arduino controller. DFRduino Mega2560 is
based on ATmega2560 control chip as the core, with 54 digital I/O (input/output) ports (of which
14 can be used as PWM output), 16 analog input ports and 4 UART (hardware serial ports),
using a 16 MHz crystal oscillator.
Embedded bootloader enables the controller to download the program directly via USB without
any other external burning device.
Multiple ways of power supply can be free to choose, including the USB power supply and
universal power adapter and battery for external power supply.
Open-sourced software and hardware platform, large interacted community, easy development
environment and strong control ability, all together making the Arduino become the most
popular electronic product development tool currently.
Specification
Microcontroller:ATmega2560 
Clock frequency: 16MHZ 
Transmission distance: 70m in free space 
Support bluetooth remote update the Arduino program 
Support bluetooth HID 
Support iBeacons 
Support by the AT command to debug the BLE 
Support transparent transmission serial port 
Support the master‐salve machine switch 
Support usb update BLE chip program 
Working voltage:+5V 
External input voltage (recommended):7V~12V DC 
External input voltage (range):6V~20V DC 
Digital I/O outputs: 54 (14 PWM outputs) 
Analog inputs: 16 
I/O current: 40mA 
Flash capacity: 128KB (4k for bootloader) 
Static storage capacity of SRAM: 8KB 
Memory capacity of EEPROM: 4KB  
Size: 108mmx54mm 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com