Electronic Components Datasheet Search
  English  ▼

X  

DFR0323 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0323
Description  Bluno Mega 2560 (SKU:DFR0323)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0323 Datasheet(HTML) 1 Page - DFROBOT

  DFR0323 Datasheet HTML 1Page - DFROBOT DFR0323 Datasheet HTML 2Page - DFROBOT DFR0323 Datasheet HTML 3Page - DFROBOT DFR0323 Datasheet HTML 4Page - DFROBOT DFR0323 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
Bluno Mega 2560 (SKU:DFR0323)
From Robot Wiki 
 
 
 
Contents
1 Introduction 
2 Specification 
3 Pin Out 
4 Supported Android Devices 
5 Supported Apple Devices 
6 Tutorial  
o
6.1 More advantages 
o
6.2 The serial port using 
o
6.3 Sample for Bluno Mega2560 connecting to smart phones 
o
6.4 Wireless programming via BLE 
o
6.5 BLE firmware update of Bluno mega2560 ("AT + VERSION" to check the vertion) 


Similar Part No. - DFR0323

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0327 DFROBOT-DFR0327 Datasheet
404Kb / 8P
Arduino Shield for Raspberry Pi 2B and 3B SKU:DFR0327
DFR0329 DFROBOT-DFR0329 Datasheet
447Kb / 8P
Bluno M3 SKU:DFR0329
More results

Similar Description - DFR0323

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3570 NEC-UPD3570 Datasheet
207Kb / 8P
UPD3570 2560-BIT CCD LINEAR IMAGE SENSOR
logo
DB Lectro Inc
BTL-51WHC-XX-X DBLECTRO-BTL-51WHC-XX-X Datasheet
198Kb / 3P
MEGA BRIGHT LED
BTL-52AMC-XX-X DBLECTRO-BTL-52AMC-XX-X Datasheet
223Kb / 3P
MEGA BRIGHT LED
logo
RF Monolithics, Inc
SF2238E RFM-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
API Technologies Corp
CMN641 APITECH-CMN641 Datasheet
122Kb / 1P
2560 ??2596 MHz Notch/Bandpass Filter
logo
Murata Manufacturing Co...
SF2238E MURATA-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
880157 TRIQUINT-880157_15 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1234A TAI-SAW-TA1234A Datasheet
360Kb / 8P
SAW Filter 2560 MHz
logo
Qorvo, Inc
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
List of Unclassifed Man...
MEGA-2560 ETC-MEGA-2560 Datasheet
919Kb / 18P
Arduino® MEGA 2560 Rev3
21/09/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com