Electronic Components Datasheet Search
  English  ▼

X  

DFR0323 Datasheet(PDF) 4 Page - DFROBOT

Part # DFR0323
Description  Bluno Mega 2560 (SKU:DFR0323)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0323 Datasheet(HTML) 4 Page - DFROBOT

  DFR0323 Datasheet HTML 1Page - DFROBOT DFR0323 Datasheet HTML 2Page - DFROBOT DFR0323 Datasheet HTML 3Page - DFROBOT DFR0323 Datasheet HTML 4Page - DFROBOT DFR0323 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Supported Android Devices
Android 4.3 and above systems equipped with Bluetooth 4.0:
Nexus 4+ 
MI 2s 
Samsung Galaxy s4 
Samsung Galaxy note 3 
Recommanded Android version:
BLE Android 4.3 ROMs (Cyanogenmod Stable version)
http://download.cyanogenmod.org/?type=stable
Supported Apple Devices
iOS 7.0+ Devices:
iPhone 4S+ 
iPad 3+ 
iPad Mini 
iPod 5th Gen 
Tutorial
More advantages
Compared with the first Bluetooth 4.0 integrated Arduino board , Bluno, Bluno Mega2560 not
only inherits the advantages of this Bluetooth 4.0 wireless communication function, but also
enables more digital and analog ports allowing bigger code storage space. That is to say, you can
use Bluno Mega2560 to make more functional DIY works. Also improvement has been done on
power supply, with the power input range widened to 5-23V. The board output current capacity
has also been greatly increased to 2A (using DC2.1 port to supply power), which is even more
fortunate.It means Bluno Mega2560 is able to connect more external sensor modules
concurrently. The shield interface is compatible with the Arduino shield interface, as it was
priviously. Yes, it will undoubtly become a powerful core board for making creative DIY works.
The serial port using
Bluno Mega2560 and Mega2560 have the same serial port configuration, with only adding a
serial port for Bluetooth 4.0 which uses Serial0 wireless passthrough. Bluno Mega2560 has four
serial ports, allowing concurrently connecting 4 communication modules.
Arduino language provides some functions that can be used for operating Bluno Mega2560 serial
ports. Taking Serial port 0 as an example, the operation functions are Serial.begin (),



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com