Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1113
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
ADS1118
www.ti.com
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
9.3.6 Temperature Sensor
The ADS1118 offers an integrated precision temperature sensor. The temperature sensor mode is enabled by
setting bit TS_MODE = 1 in the Config Register. Temperature data are represented as a 14-bit result that is left-
justified within the 16-bit conversion result. Data are output starting with the most significant byte (MSB). When
reading the two data bytes, the first 14 bits are used to indicate the temperature measurement result. One 14-bit
LSB equals 0.03125°C. Negative numbers are represented in binary twos complement format, as shown in
Table 4.
Table 4. 14-Bit Temperature Data Format
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
HEX
128
01 0000 0000 0000
1000
127.96875
00 1111 1111 1111
0FFF
100
00 1100 1000 0000
0C80
75
00 1001 0110 0000
0960
50
00 0110 0100 0000
0640
25
00 0011 0010 0000
0320
0.25
00 0000 0000 1000
0008
0.03125
00 0000 0000 0001
0001
0
00 0000 0000 0000
0000
–0.25
11 1111 1111 1000
3FF8
–25
11 1100 1110 0000
3CE0
–40
11 1011 0000 0000
3B00
9.3.6.1 Converting from Temperature to Digital Codes
For positive temperatures:
Twos complement is not performed on positive numbers. Therefore, simply convert the number to binary
code in a 14-bit, left justified format with the MSB = 0 to denote the positive sign.
Example: 50°C / (0.03125°C/count) = 1600 = 0640h = 00 0110 0100 0000
For negative temperatures:
Generate the twos complement of a negative number by complementing the absolute binary number and
adding 1. Then denote the negative sign with the MSB = 1.
Example: |–25°C| / (0.03125°C/count) = 800 = 0320h = 00 0011 0010 0000
Twos complement format: 11 1100 1101 1111 + 1 = 11 1100 1110 0000
9.3.6.2 Converting from Digital Codes to Temperature
To convert from digital codes to temperature, first check whether the MSB is a 0 or a 1. If the MSB is a 0,
simply multiply the decimal code by 0.03125°C to obtain the result. If the MSB = 1, subtract 1 from the result
and complement all of the bits. Then multiply the result by –0.03125°C.
Example: The device reads back 0960h: 0960h has an MSB = 0.
0960h × 0.03125°C = 2400 × 0.03125°C = 75°C
Example: The device reads back 3CE0h: 3CE0h has an MSB = 1.
Subtract 1 and complement the result: 3CE0h
→ 0320h
0320h × (–0.03125°C) = 800 × (–0.03125°C) = –25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com