Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1113
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 4Page - Texas Instruments ADS1113 Datasheet HTML 5Page - Texas Instruments ADS1113 Datasheet HTML 6Page - Texas Instruments ADS1113 Datasheet HTML 7Page - Texas Instruments ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
ADS1118
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Maximum and minimum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at VDD = 3.3 V, data rate = 8 SPS, and full-scale range (FSR) = ±2.048 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS/OUTPUTS
VIH
High-level input voltage
0.7 VDD
VDD
V
VIL
Low-level input voltage
GND
0.2 VDD
V
VOH
High-level output voltage
IOH = 1 mA
0.8 VDD
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.2 VDD
V
IH
Input leakage, high
VIH = 5.5 V
–10
10
μA
IL
Input leakage, low
VIL = GND
–10
10
μA
POWER SUPPLY
IVDD
Supply current
Power down, TA = 25°C
0.5
2
μA
Power down
5
Operating, TA = 25°C
150
200
Operating
300
PD
Power dissipation
VDD = 5 V
0.9
mW
VDD = 3.3 V
0.5
VDD = 2 V
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com