Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1113
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments ADS1113 Datasheet HTML 26Page - Texas Instruments ADS1113 Datasheet HTML 27Page - Texas Instruments ADS1113 Datasheet HTML 28Page - Texas Instruments ADS1113 Datasheet HTML 29Page - Texas Instruments ADS1113 Datasheet HTML 30Page - Texas Instruments ADS1113 Datasheet HTML 31Page - Texas Instruments ADS1113 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
0.1 µF
VDD
DIN
DOUT
CS
Microcontroller or
Microprocessor
with SPI Port
5
10
1
2
3
4
SCLK
CS
GND
AIN0
AIN1
DIN
9
8
7
6
DOUT/
DRDY
VDD
AIN3
AIN2
Device
Inputs Selected
from Configuration
Register
SCLK
50 W
50 W
50 W
50 W
28
ADS1118
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The ADS1118 is a precision, 16-bit ΔΣ ADC that offers many integrated features to ease the measurement of the
most common sensor types including various type of temperature and bridge sensors. The following sections
give example circuits and suggestions for using the ADS1118 in various situations.
10.1.1 Serial Interface Connections
The principle serial interface connections for the ADS1118 are shown in Figure 45.
Figure 45. Typical Connections of the ADS1118
Most microcontroller SPI peripherals can operate with the ADS1118. The interface operates in SPI mode 1
where CPOL = 0 and CPHA = 1. In SPI mode 1, SCLK idles low and data are launched or changed only on
SCLK rising edges; data are latched or read by the master and slave on SCLK falling edges. Details of the SPI
communication protocol employed by the ADS1118 can be found in the Timing Requirements: Serial Interface
section.
It is a good practice to place 50-Ω resistors in the series path to each of the digital pins to provide some short
circuit protection. Care must be taken to still meet all SPI timing requirements because these additional series
resistors along with the bus parasitic capacitances present on the digital signal lines could slew the signals.
The fully-differential input of the ADS1118 is ideal for connecting to differential sources (such as thermocouples
and thermistors) with a moderately low source impedance. Although the ADS1118 can read fully-differential
signals, the device cannot accept negative voltages on either of its inputs because of ESD protection diodes on
each pin. When an input exceeds supply or drops below ground, these diodes turn on to prevent any ESD
damage to the device.
10.1.2
GPIO Ports for Communication
Most microcontrollers have programmable input/output (I/O) pins that can be set in software to act as inputs or
outputs. If an SPI controller is not available, the ADS1118 can be connected to GPIO pins and the SPI bus
protocol can be simulated. Using GPIO pins to generate the SPI interface only requires that the pins be
configured as push or pull inputs or outputs. Furthermore, if the SCLK line is held low for more than 28 ms, the
communication times out. This condition means that the GPIO ports must be capable of providing SCLK pulses
with no more than 28 ms between pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com