Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1113
Description  ADS1118 Ultrasmall, Low-Power, SPI™-Compatible, 16-Bit Analog-to-Digital Converter with Internal Reference and Temperature Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments ADS1113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Temperature Error (qC)
0
5
10
15
20
25
30
35
40
Temperature Error (qC)
0
5
10
15
20
25
30
35
40
Temperature Error (qC)
0
5
10
15
20
25
30
35
40
Temperature Error (qC)
0
5
10
15
20
25
30
35
40
Temperature Error (qC)
0
5
10
15
20
25
30
35
40
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
−40
−20
0
20
40
60
80
100
120
Temperature (°C)
Average Temperature Error
Average ± 3 sigma
Average ± 6 sigma
G023
13
ADS1118
www.ti.com
SBAS457F – OCTOBER 2010 – REVISED SEPTEMBER 2019
Product Folder Links: ADS1118
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VDD = 3.3 V, FSR = ±2.048 V (unless otherwise noted).
Figure 20. Temperature Sensor Error vs Temp (VSSOP)
TA = –40°C, 48 units from 3 production lots
Figure 21. Temperature Sensor Error Histogram (VSSOP)
TA = 0°C, 48 units from 3 production lots
Figure 22. Temperature Sensor Error Histogram (VSSOP)
TA = 25°C, 48 units from 3 production lots
Figure 23. Temperature Sensor Error Histogram (VSSOP)
TA = 70°C, 48 units from 3 production lots
Figure 24. Temperature Sensor Error Histogram (VSSOP)
TA = 125°C, 48 units from 3 production lots
Figure 25. Temperature Sensor Error Histogram (VSSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com