Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 17Page - Texas Instruments ADS129X Datasheet HTML 18Page - Texas Instruments ADS129X Datasheet HTML 19Page - Texas Instruments ADS129X Datasheet HTML 20Page - Texas Instruments ADS129X Datasheet HTML 21Page - Texas Instruments ADS129X Datasheet HTML 22Page - Texas Instruments ADS129X Datasheet HTML 23Page - Texas Instruments ADS129X Datasheet HTML 24Page - Texas Instruments ADS129X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
Temperature( C)=
°
TemperatureReading( V)
145,300 V
m
-
m
490 V/ C
m
°
+25 C
°
2x
1x
1x
8x
AVDD
AVSS
Temperature Sensor Monitor
To MUX TEMPP
To MUX TEMPN
21
ADS1291, ADS1292, ADS1292R
www.ti.com
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.2.3 Auxiliary Differential Input (RESP_MODN/IN3N, RESP_MODN/IN3P)
In
applications
where
the
respiration
modulator
output
is
not
used,
the
RESP_MODN/IN3N
and
RESP_MODN/IN3P signals can be used as a third multiplexed differential input channel. These inputs can be
multiplexed to either of the ADC channels.
8.3.2.4 Temperature Sensor (TEMPP, TEMPN)
The ADS1291, ADS1292, and ADS1292R contain an on-chip temperature sensor. This sensor uses two internal
diodes with one diode having a current density 16x that of the other, as shown in Figure 19. The difference in
diode current densities yields a difference in voltage that is proportional to absolute temperature.
Figure 19. Temperature Sensor Measurement in the Input
As a result of the low thermal resistance of the package to the printed circuit board (PCB), the internal device
temperature tracks the PCB temperature closely. Note that self-heating of the ADS1291, ADS1292, and
ADS1292R causes a higher reading than the temperature of the surrounding PCB.
The scale factor of Equation 3 converts the temperature reading to °C. Before using this equation, the
temperature reading code must first be scaled to μV.
(3)
8.3.2.5 Supply Measurements (MVDDP, MVDDN)
Setting CHnSET[3:0] = 0011 sets the channel inputs to different supply voltages of the device. For channel 1
(MVDDP – MVDDN) is [0.5(AVDD + AVSS)]; for channel 2 (MVDDP – MVDDN) is DVDD / 4. Note that to avoid
saturating the PGA while measuring power supplies, the gain must be set to '1'.
8.3.2.6 Lead-Off Excitation Signals (LoffP, LoffN)
The lead-off excitation signals are fed into the multiplexer before the switches. The comparators that detect the
lead-off condition are also connected to the multiplexer block before the switches. For a detailed description of
the lead-off block, refer to the Lead-Off Detection subsection in the ECG-Specific Functions section.
8.3.2.7 Auxiliary Single-Ended Input
The RLDIN/RLDREF pin is primarily used for routing the right leg drive signal to any of the electrodes in case the
right leg drive electrode falls off. However, the RLDIN/RLDREF pin can be used as a multiple single-ended input
channel. The signal at the RLDIN/RLDREF pin can be measured with respect to the midsupply [(AVDD + AVSS)
/ 2]. This measurement is done by setting the channel multiplexer setting MUXn[3:0] to '0010' in the CH1SET and
CH2SET registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com