Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 24Page - Texas Instruments ADS129X Datasheet HTML 25Page - Texas Instruments ADS129X Datasheet HTML 26Page - Texas Instruments ADS129X Datasheet HTML 27Page - Texas Instruments ADS129X Datasheet HTML 28Page - Texas Instruments ADS129X Datasheet HTML 29Page - Texas Instruments ADS129X Datasheet HTML 30Page - Texas Instruments ADS129X Datasheet HTML 31Page - Texas Instruments ADS129X Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
fCLK
fMOD
CLK_DIV
(Bit 6 of LOFF_STAT
Register)
Frequency
Divider
Divide-By-4
Frequency
Divider
Divide-By-16
28
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.3.7 Clock
The ADS1291, ADS1292, and ADS1292R provide two different methods for device clocking: internal and
external. Internal clocking is ideally suited for low-power, battery-powered systems. The internal oscillator is
trimmed for accuracy at room temperature. Over the specified temperature range the accuracy varies; see the
Electrical Characteristics. Clock selection is controlled by the CLKSEL pin and the CLK_EN register bit.
The CLKSEL pin selects either the internal or external clock. The CLK_EN bit in the CONFIG2 register enables
and disables the oscillator clock to be output in the CLK pin. A truth table for these two pins is shown in Table 9.
The CLK_EN bit is useful when multiple devices are used in a daisy-chain configuration. It is recommended that
during power-down the external clock be shut down to save power.
Table 9. CLKSEL Pin and CLK_EN Bit
CLKSEL PIN
CONFIG2.CLK_EN
BIT
CLOCK SOURCE
CLK PIN STATUS
0
X
External clock
Input: external clock
1
0
Internal clock oscillator
3-state
1
1
Internal clock oscillator
Output: internal clock oscillator
The ADS1291, ADS1292, and ADS1292R have the option to choose between two different external clock
frequencies (512 kHz or 2.048 MHz). This frequency is selected by setting the CLK_DIV bit (bit 6) in the
LOFF_STAT register. The modulator must be clocked at 128 kHz, regardless of the external clock frequency.
Figure 32 shows the relationship between the external clock (fCLK) and the modulator clock (fMOD). The default
mode of operation is fCLK = 512 kHz. The higher frequency option has been provided to allow the SPI to run at a
higher speed. SCLK can be only twice the speed of fCLK during a register read or write, see section on sending
multi-byte commands. Having the 2.048 MHz option allows for register read and writes to be performed at SCLK
speeds up to 4.096 MHz.
Figure 32. Relationship Between External Clock (fCLK) and Modulator Clock (fMOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com