Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 4 Page - Texas Instruments

  ADS129X Datasheet HTML 1Page - Texas Instruments ADS129X Datasheet HTML 2Page - Texas Instruments ADS129X Datasheet HTML 3Page - Texas Instruments ADS129X Datasheet HTML 4Page - Texas Instruments ADS129X Datasheet HTML 5Page - Texas Instruments ADS129X Datasheet HTML 6Page - Texas Instruments ADS129X Datasheet HTML 7Page - Texas Instruments ADS129X Datasheet HTML 8Page - Texas Instruments ADS129X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
PGA1N
PGA1P
IN1N
IN1P
IN2N
IN2P
PGA2N
PGA2P
DGND
DVDD
DRDY
DOUT
SCLK
DIN
CS
CLK
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
Thermal Pad,
Must Be Connected To AVSS
PGA1N
PGA1P
IN1N
IN1P
IN2N
IN2P
PGA2N
PGA2P
DGND
DVDD
DRDY
DOUT
SCLK
DIN
CS
CLK
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
4
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
5 Pin Configuration and Functions
PBS Package
32-Pin TQFP
Top View
RSM Package
32-Pin VQFN
Top View
(1)
Connect unused analog inputs to AVDD.
Pin Functions
PIN
FUNCTION
DESCRIPTION
NO.
PBS (TQFP)
RSM (VQFN)
1
PGA1N
PGA1N
Analog output
PGA1 inverting output
2
PGA1P
PGA1P
Analog output
PGA1 noninverting output
3
IN1N(1)
IN1N(1)
Analog input
Differential analog negative input 1
4
IN1P(1)
IN1P(1)
Analog input
Differential analog positive input 1
5
IN2N(1)
IN2N(1)
Analog input
Differential analog negative input 2
6
IN2P(1)
IN2P(1)
Analog input
Differential analog positive input 2
7
PGA2N
PGA2N
Analog output
PGA2 inverting output
8
PGA2P
PGA2P
Analog output
PGA2 noninverting output
9
VREFP
VREFP
Analog
input/output
Positive reference voltage
10
VREFN
VREFN
Analog input
Negative reference voltage; must be connected to AVSS
11
VCAP1
VCAP1
—
Analog bypass capacitor
12
AVDD
AVDD
Supply
Analog supply
13
AVSS
AVSS
Supply
Analog ground
14
CLKSEL
CLKSEL
Digital input
Master clock select
15
PWDN/RESET
PWDN/RESET
Digital input
Power-down or system reset; active low
16
START
START
Digital input
Start conversion
17
CLK
CLK
Digital input
Master clock input
18
CS
CS
Digital input
Chip select
19
DIN
DIN
Digital input
SPI data in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com