Electronic Components Datasheet Search
  English  ▼

X  

ADS129X Datasheet(PDF) 34 Page - Texas Instruments

Part # ADS129X
Description  ADS129x Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS129X Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS129X Datasheet HTML 30Page - Texas Instruments ADS129X Datasheet HTML 31Page - Texas Instruments ADS129X Datasheet HTML 32Page - Texas Instruments ADS129X Datasheet HTML 33Page - Texas Instruments ADS129X Datasheet HTML 34Page - Texas Instruments ADS129X Datasheet HTML 35Page - Texas Instruments ADS129X Datasheet HTML 36Page - Texas Instruments ADS129X Datasheet HTML 37Page - Texas Instruments ADS129X Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 83 page
background image
a)ExternalPull-Up/Pull-DownResistors
b)InputCurrentSource
PGA
10MW
10MW
AVDD
INP
INN
Device
PGA
AVDD
INP
INN
Device
34
ADS1291, ADS1292, ADS1292R
SBAS502C – DECEMBER 2011 – REVISED APRIL 2020
www.ti.com
Product Folder Links: ADS1291 ADS1292 ADS1292R
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
8.3.10.2.1
DC Lead-Off
In this method, the lead-off excitation is with a dc signal. The dc excitation signal can be chosen from either an
external pull-up or pull-down resistor or a current source or sink, as shown in Figure 38. One side of the channel
is pulled to supply and the other side is pulled to ground. The internal current source and current sink can be
swapped by setting the FLIP1 and FLIP2 bits in the LOFF_SENS register. In case of current source or sink, the
magnitude of the current can be set by using the ILEAD_OFF[1:0] bits in the LOFF register. The current source
or sink gives larger input impedance compared to the 10-M
Ω pull-up or pull-down resistor.
Figure 38. DC Lead-Off Excitation Options
Sensing of the response can be done either by looking at the digital output code from the device or by monitoring
the input voltages with an on-chip comparator. If either of the electrodes is off, the pull-up resistors and the pull-
down resistors saturate the channel. By looking at the output code it can be determined that either the P-side or
the N-side is off. To pinpoint which one is off, the comparators must be used. The input voltage is also monitored
using a comparator and a 4-bit digital-to-analog converter (DAC) whose levels are set by the COMP_TH[2:0] bits
in the LOFF register. The output of the comparators are stored in the LOFF_STAT register. These two registers
are available as a part of the output data stream. (See the Data Output Protocol (DOUT) subsection of the SPI
Interface section.) If dc lead-off is not used, the lead-off comparators can be powered down by setting the
PD_LOFF_COMP bit in the CONFIG2 register.
An example procedure to turn on dc lead-off is given in the Lead-Off section.
8.3.10.2.2
AC Lead-Off
In this method, an out-of-band ac signal is used for excitation. The ac signal is generated by alternatively
providing an internal current source and current sink at the input with a fixed frequency. The excitation frequency
is a function of the output data rate and is fDR / 4. This out-of-band excitation signal is passed through the
channel and measured at the output.
Sensing of the ac signal is done by passing the signal through the channel to digitize it and measure at the
output. The ac excitation signals are introduced at a frequency that is above the band of interest, generating an
out-of-band differential signal that can be filtered out separately and processed. By measuring the magnitude of
the excitation signal at the output spectrum, the lead-off status can be calculated. Therefore, the ac lead-off
detection can be accomplished simultaneously with the ECG signal acquisition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com