Electronic Components Datasheet Search
  English  ▼

X  

ADS5510 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5510
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5510 Datasheet HTML 17Page - Texas Instruments ADS5510 Datasheet HTML 18Page - Texas Instruments ADS5510 Datasheet HTML 19Page - Texas Instruments ADS5510 Datasheet HTML 20Page - Texas Instruments ADS5510 Datasheet HTML 21Page - Texas Instruments ADS5510 Datasheet HTML 22Page - Texas Instruments ADS5510 Datasheet HTML 23Page - Texas Instruments ADS5510 Datasheet HTML 24Page - Texas Instruments ADS5510 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
R
F
R
G
V
OCM
INP
INM
CM
R
F
R
G
R
S
0.1mF
0.1mF
10mF
1mF
R
T
+3.3V
+5V
0.1mF
10mF
-
5V
THS4503
R
IN
R
IN
10 W
ADS5510
11-Bit / 125MSPS
POWER-SUPPLY SEQUENCE
AVDD
REFP
29
28
2kW
1 W
1
F
m
POWER-DOWN
ADS5510
SLAS499 – JANUARY 2007
Figure 27. Using the THS4503 with the ADS5510
The preferred power-up sequence is to ramp AVDD first, followed by DRVDD, including a simultaneous ramp of
AVDD and DRVDD. In the event that DRVDD ramps up first in the system, care must be taken to ensure that AVDD
ramps up within 10 ms. Optionally, it is recommended to put a 2-k
Ω resistor from REFP (pin 29) to AVDD as
shown in Figure 28. This helps to make the device more robust to power supply ramp-up timings.
Figure 28.
The device enters power-down in one of two ways: either by reducing the clock speed or by setting the PDN bit
throughout the serial programming interface. Using the reduced clock speed, power-down may be initiated for
clock frequency below 2 MSPS. The exact frequency at which the power down occurs varies from device to
device.
Using the serial interface PDN bit to power down the device places the outputs in a high-impedance state and
only the internal reference remains on to reduce the power-up time. The power-down mode reduces power
dissipation to approximately 180 mW.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com