Electronic Components Datasheet Search
  English  ▼

X  

ADS5510 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS5510
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5510 Datasheet HTML 1Page - Texas Instruments ADS5510 Datasheet HTML 2Page - Texas Instruments ADS5510 Datasheet HTML 3Page - Texas Instruments ADS5510 Datasheet HTML 4Page - Texas Instruments ADS5510 Datasheet HTML 5Page - Texas Instruments ADS5510 Datasheet HTML 6Page - Texas Instruments ADS5510 Datasheet HTML 7Page - Texas Instruments ADS5510 Datasheet HTML 8Page - Texas Instruments ADS5510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
.
.
.
ADS5510
SerialProgrammingRegister
ControlLogic
TimingCircuitry
Internal
Reference
Output
Control
CLKOUT
CLK+
CLK−
VIN+
VIN−
CM
AVDD
DRVDD
OVR
DFS
Digital
Error
Correction
11-Bit
Pipeline
ADC
Core
S&H
AGND
DRGND
SCLK
SDATA
SEN
D0
D10
ADS5510
SLAS499 – JANUARY 2007
11-Bit, 125-MSPS
Analog-To-Digital Converter
• Recommended Operational Amplifiers:
THS3201, THS3202, THS4503, THS4509,
• 11-bit Resolution
THS9001, OPA695, OPA847
• 125-MSPS Sample Rate
• High SNR: 66.3 dBFS at 100 MHz f
IN
• High SFDR: 81 dBc at 100 MHz f
IN
• Wireless Communication
• 2.3-V
PP Differential Input Voltage
–
Communication Receivers
• Internal Voltage Reference
–
Base Station Infrastructure
• 3.3-V Single-Supply Voltage
• Test and Measurement Instrumentation
• Single and Multichannel Digital Receivers
• Analog Power Dissipation: 578 mW
• Communication Instrumentation
• Serial Programming Interface
–
Radar
• TQFP-64 PowerPAD™ Package
–
Infrared
• Pin-Compatible With:
• Video and Imaging
–
ADS5500 (14-Bit, 125 MSPS)
• Medical Equipment
–
ADS5541 (14-Bit, 105 MSPS)
–
ADS5542 (14-Bit, 80 MSPS)
–
ADS5520 (12-Bit, 125 MSPS)
–
ADS5521 (12-Bit, 105 MSPS)
–
ADS5522 (12-Bit, 80 MSPS)
The ADS5510 is a high-performance, 11 bit, 125 MSPS analog-to-digital converter (ADC). To provide a
complete converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal
reference. Designed for applications demanding the highest speed and highest dynamic performance in little
space, the ADS5510 has excellent power consumption of 578 mW at 3.3-V single-supply voltage. This allows an
even higher system integration density. The provided internal reference simplifies system design requirements.
Parallel CMOS-compatible output ensures seamless interfacing with common logic.
The ADS5510 is available in 64-pin TQFP PowerPAD package over the industrial temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS5510

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510I BURR-BROWN-ADS5510I Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510IPAP BURR-BROWN-ADS5510IPAP Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510IPAP BURR-BROWN-ADS5510IPAP Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5651A TI-THS5651A Datasheet
737Kb / 30P
10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
11 Bit, 105 MSPS Analog-to-Digital Converter
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com