Electronic Components Datasheet Search
  English  ▼

X  

ADS5510 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5510
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5510 Datasheet HTML 1Page - Texas Instruments ADS5510 Datasheet HTML 2Page - Texas Instruments ADS5510 Datasheet HTML 3Page - Texas Instruments ADS5510 Datasheet HTML 4Page - Texas Instruments ADS5510 Datasheet HTML 5Page - Texas Instruments ADS5510 Datasheet HTML 6Page - Texas Instruments ADS5510 Datasheet HTML 7Page - Texas Instruments ADS5510 Datasheet HTML 8Page - Texas Instruments ADS5510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.ti.com
ADS5510
SLAS499 – JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1 dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fIN = 10 MHz
73
84
fIN = 70 MHz
81
HD3
Third-harmonic
fIN = 100 MHz
82
dBc
fIN = 130 MHz
78
fIN = 170 MHz
72
fIN = 10 MHz
62
66.5
fIN = 70 MHz
66.3
SINAD
Signal-to-noise + distortion
fIN = 100 MHz
66
dBFS
fIN = 130 MHz
65.6
fIN = 170 MHz
65
ENOB
Effective number of bits
fIN = 10 MHz
10.0
10.8
Bits
f = 50.1 MHz, 46.1 MHz (-7 dBFS each
IMD
Two-tone intermodulation distortion
85
dBFS
tone)
PSRR
AC power supply rejection ratio
Supply noise frequency
≤ 100 MHz
35
dB
Power Supply
ICC
Total supply current
fIN = 10 MHz
236
260
mA
I(AVDD)
Analog supply current
fIN = 10 MHz
175
190
mA
I(DRVDD)
Output buffer supply current
fIN = 10 MHz
61
70
mA
Analog only
578
627
Power dissipation
mW
Output buffer power with 10-pF load on
202
231
digital output to ground
Standby power
With Clocks running
180
250
mW
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com