Electronic Components Datasheet Search
  English  ▼

X  

ADS5510 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS5510
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5510 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS5510 Datasheet HTML 7Page - Texas Instruments ADS5510 Datasheet HTML 8Page - Texas Instruments ADS5510 Datasheet HTML 9Page - Texas Instruments ADS5510 Datasheet HTML 10Page - Texas Instruments ADS5510 Datasheet HTML 11Page - Texas Instruments ADS5510 Datasheet HTML 12Page - Texas Instruments ADS5510 Datasheet HTML 13Page - Texas Instruments ADS5510 Datasheet HTML 14Page - Texas Instruments ADS5510 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.ti.com
ADS5510
SLAS499 – JANUARY 2007
PIN CONFIGURATION (continued)
PIN ASSIGNMENTS(1)
TERMINAL
NO. OF
NAME
NO.
PINS
I/O
DESCRIPTION
5, 7, 9, 15, 22,
AVDD
24, 26, 28, 33,
12
I
Analog power supply
34, 37, 39
6, 8, 12, 13,
14, 16, 18, 21,
AGND
14
I
Analog ground
23, 25, 27, 32,
36, 38
DRVDD
49, 58
2
I
Output driver power supply
1, 42, 48, 50,
DRGND
6
I
Output driver ground
57, 59
NC
44, 45, 46
2
—
Not connected
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 0.1-µF capacitor in series with a 1-
Ω resistor to GND
REFM
30
1
O
Reference voltage (negative); 0.1-µF capacitor in series with a 1-
Ω resistor to GND
IREF
31
1
I
Current set; 56-k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), 200-k
Ω resistor to AV
DD
(2)
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select(3)(4)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select(4)
SDATA
3
1
I
Serial interface data(4)
SCLK
2
1
I
Serial interface clock(4)
D0 (LSB) to
47, 51-56,
11
O
11 bit parallel data output
D10 (MSB)
60-63
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
(1)
PowerPAD is connected to analog ground.
(2)
If unused, the RESET pin should be tied to AGND. See the serial programming interface section for details.
(3)
Table 3 defines the voltage levels for each mode selectable via the DFS pin.
(4)
Pins OE, DFS, SEN, SDATA, and SCLK have internal clamping diodes to the DRVDD supply. Any external circuit driving these pins
must also run off the same supply voltage as DRVDD.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com