Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP6100UHFX Datasheet(PDF) 38 Page - Banner Engineering Corp.

Part # PDIFMP6100UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP6100UHFX Datasheet(HTML) 38 Page - Banner Engineering Corp.

Back Button PDIFMP6100UHFX Datasheet HTML 34Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 35Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 36Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 37Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 38Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 39Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 40Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 41Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 42Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Fiber Systems
200 More information online at bannerengineering.com
Glass Fiber Optics
Indicates lenses available for model. See page 201 for details.
R55F
SME312
D12E
D12
QS18*
3.18
19
BA23S
Detailed Dimensions Online
PVC shrink junction
38.1
191
914
12.7
27.9
R 12.7
ø 4.8
20.3
ø 6.4
stainless
steel
ø 7.4
ø 4.7
12.7
12.7
50
100
150
200
• 90° Angle
3.18
19
BAT23S
Detailed Dimensions Online
ø 6.4
stainless
steel
914
5/16-24
UNF brass
2 brass jam
nuts included
20.3
ø 4.8
12.7
27.9
R 12.7
38.1
ø 7.4
ø 7.4
ø 4.7
38.1
12.7
12.7
191
PVC shrink junction
50
100
150
200
• 90° Angle/Thread
3.18
19
BF23P
Detailed Dimensions Online
ø 5.8
PVC with
monocoil
PVC shrink junction
ø 7.4
ø 4.7
38.1
12.7
12.7
191
914
ø 7.4
ø 4.8
12.7
12.7
ø 3.18
50
100
150
200
• Smooth ferrule
0.69
9.5
BMT.442P
Detailed Dimensions Online
ø 3.0
PVC with
monocoil
610
PVC shrink junction
38.1
191
12.7
16.5
ø 4.7
ø 7.4
ø 3.8
#8-32 thd brass
2 jam nuts included
12.7
12.7
28
46
10
• Miniature thread
3.18
19
BT23S
Detailed Dimensions Online
ø 8.0
ø 6.4
stainless
steel
5/16-24 thd brass
2 jam nuts included
38.1
12.7
914
ø 3.18
PVC shrink
junction
ø 7.4
ø 4.7
38.1
12.7
12.7
191
50
100
150
200
• Thread
3.18
19
BTA23S
Detailed Dimensions Online
R 9.7
ø 8.0
ø 6.4
stainless
steel
5/16-24 thd brass
2 jam nuts included
38.1
15.8
27.9
12.7
914
ø 4.8
PVC shrink
junction
ø 7.4
ø 4.7
38.1
12.7
12.7
191
50
100
150
200
• Thread/90° Angle
1.17
19
BAM.752S
Detailed Dimensions Online
ø 8.0
ø 1.5
ø 6.4
stainless
steel
25.4
35.6
610
R 3.05
4.8
ø 7.4
ø 4.7
38.1
12.7
12.7
191
PVC shrink
junction
10
40
20
30
50
• ø 1.5 mm non-bendable
probe; 90° angle
1.17
19
BM.752S
Detailed Dimensions Online
ø 7.4
stainless
steel
25.4
12.7
12.7
610
ø 7.4
ø 4.7
38.1
12.7
12.7
191
ø 4.6
ø 1.5
PVC shrink junction
ø 6.4
10
40
20
30
50
• ø 1.5 mm non-bendable
probe
1.17
9.5
BMP.753P
Detailed Dimensions Online
ø 1.5
PVC with monocoil
914
25.4
12.7
PVC shrink
junction
38.1
191
12.7
16.5
ø 3.0
ø 3.8
ø 4.7
ø 7.4
10
40
20
30
50
• ø 1.5 mm non-bendable
probe
3.96
19
BR2.53S
Detailed Dimensions Online
ø 6.4
stainless
steel
PVC shrink junction
ø 4.7
ø 7.4
38.1
12.7
12.7
191
914
25.4
12.7
50.8
2x 4.8
6.4
38.1
0.25
38.1
9.4
50
200
100
150
250
• Straight exit;
38 mm width
3.18
19
BR23S
Detailed Dimensions Online
ø 6.4
stainless
steel
PVC shrink junction
ø 7.4
ø 4.7
38.1
12.7
12.7
191
914
2.54
19.1
11.7
2x 3.2
0.8
6.3
19.1
9.7
50
100
150
200
• Straight exit;
10 mm width
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
M600
M900
M600
M900
M600
M900
M600
M900
M600
M900
M600
M600
M600
M600
M600 Available 315° C (600°F) models. Add M600 to
end of model number (ex: BA23SM600).
M900 Available 480° C (900°F) models. Add M900 to end
of model number (ex: BA23SM900).
* Range data for QS18F
not available at
printing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com