Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP6100UHFX Datasheet(PDF) 15 Page - Banner Engineering Corp.

Part # PDIFMP6100UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP6100UHFX Datasheet(HTML) 15 Page - Banner Engineering Corp.

Back Button PDIFMP6100UHFX Datasheet HTML 11Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 12Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 13Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 14Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 15Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 16Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 17Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 18Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 19Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
177
More information online at
bannerengineering.com
10-element signal strength indicator bargraph
2 m or 9 m attached cable, or Euro-style quick disconnect
Simple push-button programming and status indicators
Models for use with glass or plastic fiber optics
- Glass fiber models function well in harsh environments
typically associated with printing processes.
- Plastic fiber models function well in applications that
require repeated flexing of the fibers.
Quick fiber installation without tools
R55 Fiber Optic Sensors
25.0 mm
85.4 mm
Detailed
Dimensions
GLASS FIBER
PLASTIC FIBER
QD CABLES
PAGE 382
BRACKETS
PAGE 350
5-Pin Euro
30.0 mm
Glass or Plastic
Fiber Optic
Sensors
• Delivers outstanding color contrast sensitivity
• Features innovative TEACH function for two
options for setting the sensing threshold
• Reliably detects 16 levels of grayscale at up
to 10,000 actuations per second
• Available in two fiber types: economical
plastic for repeated flexing and glass for
harsh conditions
• Easily mounts in confined areas, either flat or
to 35 mm DIN rail
• Provides bipolar (NPN/PNP) outputs with
delay settings of 0, 20 and 40 milliseconds.
Fiber Systems
R55F Series
R55F
PLASTIC FIBERS
PAGE 182
GLASS FIBERS
PAGE 198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com