Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP6100UHFX Datasheet(PDF) 36 Page - Banner Engineering Corp.

Part # PDIFMP6100UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP6100UHFX Datasheet(HTML) 36 Page - Banner Engineering Corp.

Back Button PDIFMP6100UHFX Datasheet HTML 32Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 33Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 34Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 35Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 36Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 37Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 38Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 39Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 40Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Fiber Systems
198 More information online at bannerengineering.com
Glass Fiber Optics
Glass Fiber Optics
• Solve numerous challenging sensing applications in
the most hostile environments, including temperatures
up to 480° C, corrosive materials and extreme
moisture
• Withstand severe shock and vibration
• Ignore extreme electrical noise
• Constructed of a combination of optical glass fiber,
stainless steel, PVC, brass, molded thermoplastics and
optical-grade epoxy
*
Individual glass fibers are packaged separately.
FIBER BUNDLE DIAMETER designator
.44 = 0.7 mm
.5 = 0.8 mm
.75 = 1.2 mm
1 = 1.6 mm
1.5 = 2.3 mm
2 = 3.2 mm
2.5 = 4.0 mm
ASSEMBLY STYLE designator
B = Bifurcated fiber
I = Individual fiber*
OVERALL LENGTH designator (in feet)
2 = 2 ft. = 610 mm ±38 mm
3 = 3 ft. = 914 mm ±38 mm
MODIFICATIONS designator
“MXX” = Sensing end tip modification
“M600” Sensing end withstands 315° C
“M900” = Sensing end withstands 480° C
SENSING END TIP STYLE designator
A = 90° Angle
AM = Miniature 90° Angle
AT = 90° Angle/Thread
F = Ferrule
M = Miniature Tip
MP = Miniature Probe
MT = Miniature Thread
R = Rectangular Bundle Termination
T = Thread
TA = Thread/90° Angle
TETA = Thread and Extra Tight 90° Angle
SHEATHING MATERIAL designator
S = Stainless steel flexible conduit
P = PVC with galvanized monocoil reinforcing wire
I
A T 2 3 S X X
Glass Fiber Optic Model Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com