Electronic Components Datasheet Search
  English  ▼

X  

PDIFMP6100UHFX Datasheet(PDF) 19 Page - Banner Engineering Corp.

Part # PDIFMP6100UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PDIFMP6100UHFX Datasheet(HTML) 19 Page - Banner Engineering Corp.

Back Button PDIFMP6100UHFX Datasheet HTML 15Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 16Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 17Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 18Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 19Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 20Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 21Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 22Page - Banner Engineering Corp. PDIFMP6100UHFX Datasheet HTML 23Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Fiber Systems
181
More information online at
bannerengineering.com
FI22 Expert™ Series
FI22 Expert™, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Excess
Gain
Beam
Pattern
Data
Sheet
FI22FP
PLASTIC FIBER
Range varies by
sensing mode and fiber
optics used. See data
sheet part number
108899 for maximum
range specifications.
2 m
Bipolar
NPN/PNP
Opposed mode:
EGCP-42,
EGCP-43 &
EGCP-44
(p. 449)
Diffuse mode:
EGCP-45,
EGCP-46 &
EGCP-47
(p. 449)
Opposed mode:
BPP-36,
BPP-37 &
BPP-38
(p. 467)
Diffuse mode:
BPP-39,
BPP-40 &
BPP-41
(p. 467)
108899
FI22FPQ
6-pin Pico QD
*
Visible Red LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, FI22FP W/30). A model with a QD requires a mating cable (see page 379).
FI22 Expert™ Specifications
Supply Voltage
10 to 30V dc (10% max. ripple) @ less than 32 mA exclusive of load
Supply Protection Circuitry
Protected against reverse polarity, over voltage, and transient voltages
Delay at Power Up
250 milliseconds max.; outputs do not conduct during this time
Output Configuration
Bipolar: 1 current sourcing (PNP) and 1 current sinking (NPN)
Output Rating
100 mA max. load @25° C (derate 1 mA per ° C increase)
OFF-state leakage current: less than 50 µA at 30V dc
ON-state saturation voltage: NPN: less than 200 mV @ 10 mA and 1V @ 100 mA load
PNP: less than 1.5V @ 10 mA and 2.0V @ 100 mA load
Output Protection
Protected against output short-circuit, continuous overload, transient over-voltages, and false pulse on
power up
Output Response Time
500 microseconds
Repeatability
100 microseconds
Adjustments
2 push buttons and remote wire
• Expert TEACH programming (two-point static, dynamic and single-point static)
• Manually adjust (+/–) thresholds (from buttons only – not available from remote wire)
• LO/DO and OFF Delay configurable (from buttons or remote wire)
• Push-button lockout (from remote wire only)
Indicators
8-segment red bargraph: Light-to-dark signal difference relative to taught condition (single-point TEACH)
Sensing contrast (two-point TEACH)
Green LED: Power ON
Yellow LED: Output conducting
Construction
PC/ABS blend plastic housing; polycarbonate cover
Environmental Rating
IP67; NEMA 6
Connections
5-conductor 2 m PVC cable, 9 m PVC cable, or 6-pin integral Pico-style quick-disconnect fitting. QD cables are ordered
separately. See page 379.
Operating Conditions
Temperature: -10° to +55° C
Relative humidity: 90% @ 50° C (non-condensing)
Certifications
Hookup Diagrams
DC11 (p. 478)
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com