Electronic Components Datasheet Search
  English  ▼

X  

ADS8568 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS8568
Description  ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8568 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS8568 Datasheet HTML 24Page - Texas Instruments ADS8568 Datasheet HTML 25Page - Texas Instruments ADS8568 Datasheet HTML 26Page - Texas Instruments ADS8568 Datasheet HTML 27Page - Texas Instruments ADS8568 Datasheet HTML 28Page - Texas Instruments ADS8568 Datasheet HTML 29Page - Texas Instruments ADS8568 Datasheet HTML 30Page - Texas Instruments ADS8568 Datasheet HTML 31Page - Texas Instruments ADS8568 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
R
<
SOURCE
t
ACQ
C ln(2)(n+1)
S
- (R
+R )
SER
SW
f
=
3dB
ln(2)(n+1)
2 t
p
ACQ
28
ADS8528, ADS8548, ADS8568
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.3 Feature Description
9.3.1 Analog
This section addresses the analog input circuit, the ADCs and control signals, and the reference design of the
device.
9.3.1.1 Analog Inputs
The inputs and the converters are of single-ended bipolar type. The absolute voltage range can be selected
using the RANGE pin (in hardware mode) or RANGE_x bits (in software mode) in the Configuration (CONFIG)
register to either ±4 VREF or ±2 VREF. With the internal reference set to 2.5 V (VREF bit C13 = 0 in the
CONFIG register), the input voltage range can be ±10 V or ±5 V. With the internal reference source set to 3 V
(CONFIG bit C13 = 1), an input voltage range of ±12 V or ±6 V can be configured. The logic state of the RANGE
pin is latched with the falling edge of BUSY (if CONFIG bit C26 = 0).
The input current on the analog inputs depends on the actual sample rate, input voltage, and signal source
impedance. Essentially, the current into the analog inputs charges the internal capacitor array only during the
sampling period (tACQ). The source of the analog input voltage must be able to charge the input capacitance of
10 pF in ±4-VREF mode or of 20 pF in ±2-VREF mode to a 12-, 14-, or 16-bit accuracy level within the
acquisition time; see Figure 35. During the conversion period, there is no further input current flow and the input
impedance is greater than 1 MΩ. To ensure a defined start condition, the sampling capacitors of the ADS85x8
are pre-charged to a fixed internal voltage before switching into sampling mode.
To maintain the linearity of the converter, the inputs must always remain within the specified range defined in the
Electrical Characteristics table. The minimum –3-dB bandwidth of the driving operational amplifier can be
calculated using Equation 1:
where
•
n = 12, 14, or 16; n is the resolution of the ADS85x8
(1)
With a minimum acquisition time of tACQ = 280 ns, the required minimum bandwidth of the driving amplifier is 5.2
MHz for the ADS8528, 6.0 MHz for the ADS8548, or 6.7 MHz for the ADS8568. The required bandwidth can be
lower if the application allows a longer acquisition time. A gain error occurs if a given application does not fulfill
the bandwidth requirement shown in Equation 1.
A driving operational amplifier may not be required if the impedance of the signal source (RSOURCE) fulfills the
requirement of Equation 2:
where
•
n = 12, 14, or 16; n is the resolution of the ADC
•
CS = 10 pF is the sample capacitor value in VIN = ±4-VREF mode
•
RSER = 200 Ω is the input resistor value
•
and RSW = 130 Ω is the switch resistance value
(2)
With a minimum acquisition time of tACQ = 280 ns, the maximum source impedance must be less than 2.7 kΩ for
the ADS8528, 2.3 kΩ for the ADS8548, and 2.0 kΩ for the ADS8568 in ±4V-REF mode, or less than 1.2 kΩ for
the ADS8528, 1.0 kΩ for the ADS8548, and 0.8 kΩ for the ADS8568 in ±2-VREF mode. The source impedance
can be higher if the application allows a longer acquisition time.
9.3.1.2 Analog-to-Digital Converter (ADC)
The device includes eight ADCs that operate with either an internal or an external conversion clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com