Electronic Components Datasheet Search
  English  ▼

X  

ADS8568 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS8568
Description  ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8568 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS8568 Datasheet HTML 28Page - Texas Instruments ADS8568 Datasheet HTML 29Page - Texas Instruments ADS8568 Datasheet HTML 30Page - Texas Instruments ADS8568 Datasheet HTML 31Page - Texas Instruments ADS8568 Datasheet HTML 32Page - Texas Instruments ADS8568 Datasheet HTML 33Page - Texas Instruments ADS8568 Datasheet HTML 34Page - Texas Instruments ADS8568 Datasheet HTML 35Page - Texas Instruments ADS8568 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
f
=
3dB
ln(2)
2 t
p
CONV
32
ADS8528, ADS8548, ADS8568
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
Table 1 lists some examples of internal reference DAC settings with a reference range set to 2.5 V. However, to
ensure proper performance, the DAC output voltage must not be programmed below 0.5 V.
Decouple the buffered output of the DAC with a 100-nF capacitor (minimum); for best performance, a 470-nF
capacitor is recommended. If the internal reference is placed into power-down (default), an external reference
voltage can drive the REFIO pin.
Table 1. DAC Settings Examples (2.5-V Operation)
VREFOUT
DECIMAL CODE
BINARY CODE
HEXADECIMAL CODE
0.5 V
204
00 1100 1100
CCh
1.25 V
511
01 1111 1111
1FFh
2.5 V
1023
11 1111 1111
3FFh
The voltage at the REFIO pin is buffered with four internal amplifiers, one for each ADC pair. The output of each
buffer must be decoupled with a 10-µF capacitor between the pin pairs of 3 and 6, 43 and 46, 50 and 53, and 60
and 63. The 10-µF capacitors are available as ceramic 0805-SMD components and in X5R quality.
The internal reference buffers can be powered down to decrease the power dissipation of the device. In this
case, external reference drivers can be connected to the REFAP, REFBP, REFCP, and REFDP pins. With 10-µF
decoupling capacitors, the minimum required bandwidth can be calculated using Equation 4:
(4)
With the minimum tCONV of 1.33 µs, the external reference buffers require a minimum bandwidth of 83 kHz.
9.3.2 Digital
This section describes the digital control and the timing of the device in detail.
9.3.2.1 Device Configuration
Depending on the desired mode of operation, the ADS85x8 can be configured using the external pins or the
Configuration register (CONFIG), as shown in Table 2.
Table 2. ADS85x8 Configuration Settings
INTERFACE MODE
HARDWARE MODE (HW/SW = 0)
SOFTWARE MODE (HW/SW = 1)
Parallel (PAR/SER = 0)
Configuration using pins and (optionally) Configuration
register bits C30, C29, C[27:26], C22, C20, C18, C14,
C13, and C[9:0]
Configuration using Configuration register bits C[31:0]
only; status of pins 9, 11, 20, and 34 are disregarded
(if C29 = C28 = 0)
Serial (PAR/SER = 1)
Configuration using pins and (optionally) Configuration
register bits C30, C29, C[27:26], C22, C20, C18, C13,
and C[9:0]
Configuration using Configuration register bits C[31:0]
only; status of pins 9, 11, 20, and 34 are disregarded
(if C29 = C28 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com