Electronic Components Datasheet Search
  English  ▼

X  

ADS8568 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS8568
Description  ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8568 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS8568 Datasheet HTML 35Page - Texas Instruments ADS8568 Datasheet HTML 36Page - Texas Instruments ADS8568 Datasheet HTML 37Page - Texas Instruments ADS8568 Datasheet HTML 38Page - Texas Instruments ADS8568 Datasheet HTML 39Page - Texas Instruments ADS8568 Datasheet HTML 40Page - Texas Instruments ADS8568 Datasheet HTML 41Page - Texas Instruments ADS8568 Datasheet HTML 42Page - Texas Instruments ADS8568 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
39
ADS8528, ADS8548, ADS8568
www.ti.com
SBAS543C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: ADS8528 ADS8548 ADS8568
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9.5 Register Maps
9.5.1 Configuration (CONFIG) Register
The Configuration register settings can only be changed in software mode and are not affected when switching to
hardware mode thereafter. The register values are independent from input pin settings. Changes are active with
the second WR rising edge in parallel interface mode or with the 32nd SCLK falling edge of the access where
the register content is updated in serial mode. The CONFIG content is defined in CONFIG: Configuration
Register (default = 000003FFh).
9.5.1.1 CONFIG: Configuration Register (default = 000003FFh)
Figure 44. CONFIG Register
31
30
29
28
27
26
25
24
WRITE_EN
READ_EN
CLKSEL
CLKOUT
BUSY/INT
BUSY POL
STBY
RANGE_A
23
22
21
20
19
18
17
16
RANGE_B
PD_B
RANGE_C
PD_C
RANGE_D
PD_D
Don't care
Don't care
15
14
13
12
11
10
9
8
REFEN
REFBUF
VREF
Don't care
Don't care
Don't care
D9
D8
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Bit 31
WRITE_EN: Register update enable
This bit is not active in hardware mode.
0 = Register content update disabled (default)
1 = Register content update enabled
Bit 30
READ_EN: Register read-out access enable
This bit is not active in hardware mode.
0 = Normal operation (conversion results available on SDO_A)
1 = Configuration register contents output on SDO_A with next two accesses
(READ_EN automatically resets to 0 thereafter)
Bit 29
CLKSEL: Conversion clock selector
This bit is active in hardware mode.
0 = Normal operation with internal conversion clock; mandatory in hardware mode (default)
1 = External conversion clock applied through pin 34 (XCLK) is used (conversion takes 19
clock cycles)
Bit 28
CLKOUT: Internal conversion clock output enable
This bit is not active in hardware mode.
0 = Normal operation (default)
1 = Internal conversion clock is available at pin 34
Bit 27
BUSY/INT: Busy/interrupt selector
This bit is active in hardware mode.
0 = BUSY/INT pin is in BUSY mode (default)
1 = BUSY/INT pin is in interrupt mode (INT); can only be used if all eight channels are
sampled simultaneously (all CONVST_x tied together)
Bit 26
BUSY POL: BUSY/INT polarity selector
This bit is active in hardware mode.
0 = BUSY/INT active high (default)
1 = BUSY/INT active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com