Electronic Components Datasheet Search
  English  ▼

X  

KB3511 Datasheet(PDF) 4 Page - Kingbor Technology Co

Part # KB3511
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511 Datasheet(HTML) 4 Page - Kingbor Technology Co

  KB3511 Datasheet HTML 1Page - Kingbor Technology Co KB3511 Datasheet HTML 2Page - Kingbor Technology Co KB3511 Datasheet HTML 3Page - Kingbor Technology Co KB3511 Datasheet HTML 4Page - Kingbor Technology Co KB3511 Datasheet HTML 5Page - Kingbor Technology Co KB3511 Datasheet HTML 6Page - Kingbor Technology Co KB3511 Datasheet HTML 7Page - Kingbor Technology Co KB3511 Datasheet HTML 8Page - Kingbor Technology Co KB3511 Datasheet HTML 9Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
3.8V
3.6V
4.2V
VOUT = 3.3V Trickle Mode OPERATION
CIRCUIT OF FIGURE 1
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
2.7V
4.2V
VOUT = 1.2V Trickle Mode OPERATION
CIRCUIT OF FIGURE 1
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
2.7V
4.2V
VOUT = 1.5V Trickle Mode OPERATION
CIRCUIT OF FIGURE 1
LOAD CURRENT (mA)
1
100
95
90
85
80
75
70
65
60
10
100
1000
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
LOAD CURRENT (mA)
1
4
3
2
1
0
–1
–2
–3
–4
10
100
1000
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
3.3V
VIN (V)
2
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
4
6
35
VOUT = 1.8V
IOUT = 200mA
TA = 25°C
3.3V
Trickle Mode OPERATION
Trickle Mode OPERATION
PWM MODE
PWM MODE
VIN (V)
1
500
450
400
350
300
250
200
46
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
–25
0
50
100
150
125
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V
TA = 25°C
Efficiency vs Load Current
Efficiency vs Load Current
Load Regulation
Efficiency vs Load Current
Efficiency vs Load Current
Line Regulation
Reference Voltage vs
Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com