Electronic Components Datasheet Search
  English  ▼

X  

KB3511 Datasheet(PDF) 7 Page - Kingbor Technology Co

Part # KB3511
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511 Datasheet(HTML) 7 Page - Kingbor Technology Co

Back Button KB3511 Datasheet HTML 3Page - Kingbor Technology Co KB3511 Datasheet HTML 4Page - Kingbor Technology Co KB3511 Datasheet HTML 5Page - Kingbor Technology Co KB3511 Datasheet HTML 6Page - Kingbor Technology Co KB3511 Datasheet HTML 7Page - Kingbor Technology Co KB3511 Datasheet HTML 8Page - Kingbor Technology Co KB3511 Datasheet HTML 9Page - Kingbor Technology Co KB3511 Datasheet HTML 10Page - Kingbor Technology Co KB3511 Datasheet HTML 11Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
OPERATION
decrease causes the error amplifier to increase the ITH
voltage until the average inductor current matches the new
load current.
The main control loop is shut down by pulling the RUN pin
to ground.
Low Current Operation
Two modes are available to control the operation of the
KB3511 at low currents. Both modes automatically switch
from continuous operation to to the selected mode when
the load current is low.
To optimize efficiency, the Trickle Mode operation can be
selected. When the load is relatively light, the KB3511
automatically switches into Trickle Mode operation in which
the PMOS switch operates intermittently based on load
demand with a fixed peak inductor current. By running
cycles periodically, the switching losses which are domi-
nated by the gate charge losses of the power MOSFETs are
minimized. The main control loop is interrupted when the
output voltage reaches the desired regulated value. A
hysteretic voltage comparator trips when ITH is below
0.28V, shutting off the switch and reducing the power. The
output capacitor and the inductor supply the power to the
load until ITH/RUN exceeds 0.6V, turning on the switch and
the main control loop which starts another cycle.
For lower ripple noise at low currents, the pulse skipping
mode can be used. In this mode, the KB3511 continues
to switch at a constant frequency down to very low
currents, where it will begin skipping pulses.
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases to 100% which is
the dropout condition. In dropout, the PMOS switch is
turned on continuously with the output voltage being
equal to the input voltage minus the voltage drops across
the internal p-channel MOSFET and the inductor.
An important design consideration is that the RDS(ON) of
the P-channel switch increases with decreasing input
supply voltage (See Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the KB3511 is used at 100% duty cycle with low
input voltage (See Thermal Considerations in the Applica-
tions Information Section).
Low Supply Operation
The KB3511 incorporates an Under-Voltage Lockout
circuit which shuts down the part when the input voltage
drops below about 1.65V to prevent unstable operation.
A general KB3511 application circuit is shown in
Figure 2. External component selection is driven by the
load requirement, and begins with the selection of the
inductor L. Once the inductor is chosen, CIN and COUT can
be selected.
Inductor Selection
Although the inductor does not influence the operating
frequency, the inductor value has a direct effect on ripple
current. The inductor ripple current
∆IL decreases with
higher inductance and increases with higher VIN or VOUT:
∆=
⎛
⎝⎜
⎞
⎠⎟
I
V
fL
V
V
L
OUT
O
OUT
IN
1
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
∆IL = 0.3 • ILIM, where ILIM is the peak switch current limit.
The largest ripple current
∆IL occurs at the maximum
input voltage. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation:
L
V
fI
V
V
OUT
OL
OUT
IN MAX
=
∆
⎛
⎝
⎜
⎞
⎠
⎟
()
1
The inductor value will also have an effect on Trickle Mode
operation. The transition from low current operation be-
gins when the peak inductor current falls below a level set
by the Trickle clamp. Lower inductor values result in higher
ripple current which causes this to occur at lower load
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com