Electronic Components Datasheet Search
  English  ▼

X  

KB3511 Datasheet(PDF) 12 Page - Kingbor Technology Co

Part # KB3511
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511 Datasheet(HTML) 12 Page - Kingbor Technology Co

Back Button KB3511 Datasheet HTML 6Page - Kingbor Technology Co KB3511 Datasheet HTML 7Page - Kingbor Technology Co KB3511 Datasheet HTML 8Page - Kingbor Technology Co KB3511 Datasheet HTML 9Page - Kingbor Technology Co KB3511 Datasheet HTML 10Page - Kingbor Technology Co KB3511 Datasheet HTML 11Page - Kingbor Technology Co KB3511 Datasheet HTML 12Page - Kingbor Technology Co KB3511 Datasheet HTML 13Page - Kingbor Technology Co KB3511 Datasheet HTML 14Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
Figure 3. kB3511 Layout Diagram (See Board Layout Checklist)
RUN2
VIN
VIN
VOUT1
VOUT2
RUN1
POR
SW2
VFB2
GND
VFB1
SW1
MODE/SYNC
KB3511ADJ
CIN
C4
C5
L1
L2
R4
R2
R1
R3
COUT2
COUT1
BOLD LINES INDICATE HIGH CURRENT PATHS
regulator operating in a 70
°C ambient temperature is
approximately:
TJ = 2 • 0.272 • 45 + 70 = 95°C
which is below the absolute maximum junction tempera-
ture of 125
°C.
Design Example
As a design example, consider using the KB3511 in an
portable application with a Li-Ion battery. The battery
provides a VIN = 3.6V to 4.2V. The load requires a maxi-
mum of 600mA in active mode and 2mA in standby mode.
The output voltage is VOUT = 3.3V. Since the load still
needs power in standby, Trickle Mode operation is selected
for good low load efficiency.
First, calculate the inductor value for about 30% ripple
current at maximum VIN:
The closest standard value is 10
µF. Since the output
impedance of a Li-Ion battery is very low, CIN is typically
10
µF.
The output voltage can now be programmed by choosing
the values of R1 and R2. To maintain high efficiency, the
current in these resistors should be kept small. Choosing
2
µA with the 0.6V feedback voltage makes R1~300k. A
close standard 1% resistor is 280k, and R2 is then 887k.
The PGOOD pin is a common drain output and requires a
pull-up resistor. A 100k resistor is used for adequate speed.
Figure 1 shows the complete schematic for this design
example.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
KB3511. These items are also illustrated graphically in
the layout diagram of Figure 3. Check the following in your
layout:
1. Does the capacitor CIN connect to the power VIN (Pin 3)
and GND (exposed pad) as close as possible? This capaci-
tor provides the AC current to the internal power MOSFETs
and their drivers.
2. Are the COUT and L1 closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground sense line
terminated near GND (exposed pad). The feedback signals
VFB should be routed away from noisy components and
traces, such as the SW line (Pins 4 and 7), and its trace
should be minimized.
4. Keep sensitive components away from the SW pins. The
input capacitor CIN and the resistors R1 to R4 should be
routed away from the SW traces and the inductors.
5. A ground plane is preferred, but if not available, keep the
signal and power grounds segregated with small signal
components returning to the GND pin at one point and
should not share the high current path of CIN or COUT.
6. Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise of
power components. These copper areas should be con-
nected to VIN or GND.
L
V
MHz
mA
V
V
H
=
⎝⎜
⎠⎟
=µ
33
2 2
300
1
33
42
107
.
.
.
.
.
Choosing the closest inductor from a vendor of 1.0
µH
inductor, results in a maximum ripple current of:
∆=
µ
−
⎛
⎝⎜
⎞
⎠⎟
=
I
V
MHz
V
V
mA
L
33
22
10
1
33
42
330
.
..
.
.
For cost reasons, a ceramic capacitor will be used. COUT
selection is then based on load step droop instead of ESR
requirements. For a 5% output droop:
C
mA
MHz
V
F
OUT
≈=
µ
3
600
22
5
3 3
49
.( %
.
)
.
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com