Electronic Components Datasheet Search
  English  ▼

X  

KB3511 Datasheet(PDF) 10 Page - Kingbor Technology Co

Part # KB3511
Description  High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB3511 Datasheet(HTML) 10 Page - Kingbor Technology Co

Back Button KB3511 Datasheet HTML 6Page - Kingbor Technology Co KB3511 Datasheet HTML 7Page - Kingbor Technology Co KB3511 Datasheet HTML 8Page - Kingbor Technology Co KB3511 Datasheet HTML 9Page - Kingbor Technology Co KB3511 Datasheet HTML 10Page - Kingbor Technology Co KB3511 Datasheet HTML 11Page - Kingbor Technology Co KB3511 Datasheet HTML 12Page - Kingbor Technology Co KB3511 Datasheet HTML 13Page - Kingbor Technology Co KB3511 Datasheet HTML 14Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
KB3511
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS INFORMATION
VV
R
R
OUT
=+
⎛
⎝⎜
⎞
⎠⎟
06
1
2
1
.
Keeping the current small (<5
µA) in these resistors maxi-
mizes efficiency, but making them too small may allow
stray capacitance to cause noise problems and reduce the
phase margin of the error amp loop.
To improve the frequency response, a feed-forward ca-
pacitor CF may also be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Power-On Reset
The POR pin is an open-drain output which pulls low when
either regulator is out of regulation. When both output
voltages are within
±8.5% of regulation, a timer is started
which releases POR after 218 clock cycles (about 120ms).
This delay can be significantly longer in Trickle Mode
operation with low load currents, since the clock cycles
only occur during a Trickle and there could be milliseconds
of time between Trickles. This can be bypassed by tying the
POR output to the MODE/SYNC input, to force pulse
PWM mode during a reset. In addition, if the output
voltage faults during Trickle Mode sleep, POR could have a
slight delay for an undervoltage output condition and may
not respond to an overvoltage output. This can be avoided
by using pulse skipping mode instead. When either chan-
nel is shut down, the POR output is pulled low, since one
or both of the channels are not in regulation.
Mode Selection & Frequency Synchronization
The MODE/SYNC pin is a multipurpose pin which provides
mode selection and frequency synchronization. Connect-
ing this pin to VIN enables Trickle Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. When this pin is connected to
ground, PWM operation is selected which pro-
vides the lowest output ripple, at the cost of low current
efficiency.
The KB3511 can also be synchronized to an external
2.2MHz clock signal by the MODE/SYNC pin. During
synchronization, the mode is set to pulse skipping and the
top switch turn-on is synchronized to the rising edge of the
external clock.
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
∆ILOAD • ESR, where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used by
the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability prob-
lem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second-
order overshoot/DC ratio cannot be used to determine
phase margin. In addition, a feed-forward capacitor, CF,
can be added to improve the high frequency response, as
shown in Figure 2. Capacitor CF provides phase lead by
creating a high frequency zero with R2 which improves the
phase margin.
The output voltage settling behavior is related to the
stability of the closed-loop system and will demonstrate
the actual overall supply performance. For a detailed
explanation of optimizing the compensation components,
including a review of control loop theory, refer to Applica-
tion Note 76.
In some applications, a more severe transient can be
caused by switching in loads with large (>1
µF) input
capacitors. The discharged input capacitors are effectively
put in parallel with COUT, causing a rapid drop in VOUT. No
regulator can deliver enough current to prevent this prob-
lem, if the switch connecting the load has low resistance
and is driven quickly. The solution is to limit the turn-on
speed of the load switch driver. A Hot Swap controller is
designed specifically for this purpose and usually incorpo-
rates current limiting, short-circuit protection, and soft-
starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com