Electronic Components Datasheet Search
  English  ▼

X  

GC100 Datasheet(PDF) 16 Page - Elma Electronic Ltd

Part # GC100
Description  Wi-Fi & WWAN • PCIe® Optical Cabling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GC100 Datasheet(HTML) 16 Page - Elma Electronic Ltd

Back Button GC100 Datasheet HTML 11Page - Elma Electronic Ltd GC100 Datasheet HTML 12Page - Elma Electronic Ltd GC100 Datasheet HTML 13Page - Elma Electronic Ltd GC100 Datasheet HTML 14Page - Elma Electronic Ltd GC100 Datasheet HTML 15Page - Elma Electronic Ltd GC100 Datasheet HTML 16Page - Elma Electronic Ltd GC100 Datasheet HTML 17Page - Elma Electronic Ltd GC100 Datasheet HTML 18Page - Elma Electronic Ltd GC100 Datasheet HTML 19Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Embedded Gold • GC100/GC102 • Edge AI • NVIDIA® Jetson Xavier™ NX
M12-A 5-pos. Straight Female Connector Pigtail Cable
M12 Power Cabling
1
5
3
2
4
M12 Power Connector Pin Assignment
PCB Connector M12-A 5-Position Male 4A/Pin
V=9-57VDC
1+V
2
RSV
3
GND
4
RSV
5
FE (Shield)
Mating Pigtail Cable Assemblies 1.5m
w. Female Straight Plug
EKF
271.10.505.22.015
Phoenix Contact
1669822
Tyco (TE)
2273035-1
pre-assembled standard pigtail cables - wires #2 and #4 may not in use (reserved)
Mating DIN Rail Power Supply
EKF
352.1.075.24.1
Meanwell
NDR-75-24, 75W 24VDC/3.2A
© EKF
-16-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com