Electronic Components Datasheet Search
  English  ▼

X  

GC100 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # GC100
Description  Wi-Fi & WWAN • PCIe® Optical Cabling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GC100 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  GC100 Datasheet HTML 1Page - Elma Electronic Ltd GC100 Datasheet HTML 2Page - Elma Electronic Ltd GC100 Datasheet HTML 3Page - Elma Electronic Ltd GC100 Datasheet HTML 4Page - Elma Electronic Ltd GC100 Datasheet HTML 5Page - Elma Electronic Ltd GC100 Datasheet HTML 6Page - Elma Electronic Ltd GC100 Datasheet HTML 7Page - Elma Electronic Ltd GC100 Datasheet HTML 8Page - Elma Electronic Ltd GC100 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Embedded Gold • GC100/GC102 • Edge AI • NVIDIA® Jetson Xavier™ NX
Overview
The GC100 is a Single-Board-Computer
intended for AI and real-time edge computing.
Equipped with the Nvidia® Jetson Xavier™ NX
SoM, the board was designed for rugged
industrial applications such as IIoT or image
processing.
The
GC100
SBC
provides
typical
I/O
connectors, e.g. DisplayPort, Ethernet, and
USB. A PCIe® M.2 SSD is available as on-board
mass storage.
The GC100 comes with the L4T (Linux for
Tegra) development suite by Nvidia®,
customized by EKF.
For wireless networking, the GC100 can be
paired with the matching GC102 mezzanine
card, equipped with M.2 connectors for
4G/5G WWAN and dual Wi-Fi 6 modules.
The GC100 SBC can be configured as master
or slave in distributed multi-processing
applications. For this purpose the board is
provided with four Samtec FireFly™ Flyover®
connectors, each suitable for a PCI Express®
Gen3 x4 based fiber optical cable up to 100m,
or Twinax copper cable assembly. Moreover,
the PCIe® interfaces can also be used for
attachment of demanding peripheral devices
such as high resolution cameras.
© EKF
-2-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com