Electronic Components Datasheet Search
  English  ▼

X  

GC100 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # GC100
Description  Wi-Fi & WWAN • PCIe® Optical Cabling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GC100 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  GC100 Datasheet HTML 1Page - Elma Electronic Ltd GC100 Datasheet HTML 2Page - Elma Electronic Ltd GC100 Datasheet HTML 3Page - Elma Electronic Ltd GC100 Datasheet HTML 4Page - Elma Electronic Ltd GC100 Datasheet HTML 5Page - Elma Electronic Ltd GC100 Datasheet HTML 6Page - Elma Electronic Ltd GC100 Datasheet HTML 7Page - Elma Electronic Ltd GC100 Datasheet HTML 8Page - Elma Electronic Ltd GC100 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Embedded Gold • GC100/GC102 • Edge AI • NVIDIA® Jetson Xavier™ NX
Technical Features
General
<
NVIDIA® Jetson Xavier™ NX based platform
<
Single or dual PCB assembly
<
Intended for rugged industrial applications, ready-for-use (Embedded Gold)
<
Industrial PCB assembly - basic board GC100 and optional expansion board GC102
<
PCB Dimensions 138.0mm x 133.0mm
<
M.2 NVMe SSD socket
<
Up to 4 x PCI Express® x4 MPO/MTP optical cabling ports
<
Versatile standard front I/O connector suite (DisplayPort, USB, GbE)
<
Option dual Wi-Fi 6 modules (GC102)
<
Option WWAN 4G/5G module (GC102)
<
Option SMA/SMA-RP antenna connectors (GC102)
<
M12 power connector
<
Option terminal block power connector
<
9-57VDC wide range power input operation
Front I/O
<
Dual DisplayPort connectors
<
Up to 2 x RJ45 Gigabit Ethernet jacks
<
Up to 3 x USB Type-A receptacles
<
Micro SD Card slot
<
Up to 4 x MPO/MTP optical ports for PCIe® external cabling
<
Option antenna connectors SMA/SMA-RP WLAN/WWAN (GC102)
<
Dual slot Micro SIM Card (GC102)
<
M12-A DC front power connector
<
Option ATX auxiliary power connector
<
Option terminal block 3.5mm pitch 4-position screw lock (side of PCB) power input
System-on-Module
<
NVIDIA® Jetson Xavier™ NX
<
AI performance up to 21 TOPS
<
Volta GPU, 384 CUDA® cores, 48 Tensor cores, max. 1100MHz
<
Carmel CPU, ARMv8.2, 3x dual-core CPU clusters (six NVIDIA Carmel processor cores), max. 1900 MHz
<
Memory 8GB/16GB LPDDR4 DRAM, 1600MHz
<
Storage 16GB eMMC 5.1 200 MHz (HS400)
<
Display controller 2 x DP 1.4 up to 3840x2160 at 60 Hz, video H.265 decode/encode
<
PCI Express® 1x4, 1x1 (root hub or endpoint device configurable)
<
Variety of I/O e.g. USB, Gigabit Ethernet, SD Card slot
<
10W/15W/20W operating modes
© EKF
-3-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com