Electronic Components Datasheet Search
  English  ▼

X  

GC100 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # GC100
Description  Wi-Fi & WWAN • PCIe® Optical Cabling
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GC100 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  GC100 Datasheet HTML 1Page - Elma Electronic Ltd GC100 Datasheet HTML 2Page - Elma Electronic Ltd GC100 Datasheet HTML 3Page - Elma Electronic Ltd GC100 Datasheet HTML 4Page - Elma Electronic Ltd GC100 Datasheet HTML 5Page - Elma Electronic Ltd GC100 Datasheet HTML 6Page - Elma Electronic Ltd GC100 Datasheet HTML 7Page - Elma Electronic Ltd GC100 Datasheet HTML 8Page - Elma Electronic Ltd GC100 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Embedded Gold • GC100/GC102 • Edge AI • NVIDIA® Jetson Xavier™ NX
Technical Features
Software Development
<
L4T (Linux for Tegra) development suite by Nvidia®
<
Customization by EKF
<
Diagnostic and recovery ports (USB Micro-B connectors)
<
Micro-SD Card slot
<
Custom specific application programming on request
Additional Features
<
On-board M.2 SSD socket PCIe® x4, up to 2280 size
<
PCIe® packet switch 6-port x4 Gen3
<
Option PCIe® optical cabling via 4 x MPO/MTP connectors (Samtec FireFly™)
<
Option master/slave configuration, connected via PCIe® optical fiber or Twinax copper cable
<
Attachment of peripheral devices with PCIe® x4 interface such as high resolution cameras
<
Option wireless connection w. GC102 mezzanine card (dual M.2 Wi-Fi 6, M.2 WWAN 4G/5G)
<
Custom specific mezzanine board design on request
<
Custom specific base board design on request
Power Requirements
<
DC Input, wide range 9V-57V
<
Power consumption tbd W max.
<
Fast acting chip fuse (PCB soldered type)
<
Protected against reverse polarity
<
ESD protection (TVS)
<
Common mode input filter
<
M12-A 5-pin front panel power connector
<
Option ATX auxiliary power connector (front)
<
Option terminal block 3.5mm pitch 4-position screw lock (side of PCB) power input
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com