Electronic Components Datasheet Search
  English  ▼

X  

K50 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # K50
Description  Pro Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  K50 Datasheet HTML 1Page - Banner Engineering Corp. K50 Datasheet HTML 2Page - Banner Engineering Corp. K50 Datasheet HTML 3Page - Banner Engineering Corp. K50 Datasheet HTML 4Page - Banner Engineering Corp. K50 Datasheet HTML 5Page - Banner Engineering Corp. K50 Datasheet HTML 6Page - Banner Engineering Corp. K50 Datasheet HTML 7Page - Banner Engineering Corp. K50 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vibration and Mechanical Shock
Meets IEC 60068-2-6 requirements (Vibration: 10 Hz to 55 Hz, 1.0 mm
amplitude, 5 minutes sweep, 30 minutes dwell)
Meets IEC 60068-2-27 requirements (Shock: 30G 11 ms duration, half sine
wave)
Connections
5-pin or 8-pin integral M12 quick disconnect, 2 m (6.5 ft) integral PVC cable,
or 5-pin or 8-pin 150 mm (5.9 inch) PVC cable with an M12 quick disconnect,
depending on model
Models with a quick disconnect require a mating cordset
Storage
–40 °C to +70 °C (–40 °F to +158 °F)
Certifications
Banner Engineering Europe Park Lane,
Culliganlaan 2F bus 3, 1831 Diegem,
BELGIUM
Turck Banner LTD Blenheim House,
Blenheim Court, Wickford, Essex SS11 8YT,
Great Britain
Required Overcurrent Protection
WARNING: Electrical connections must be
made by qualified personnel in accordance with
local and national electrical codes and
regulations.
Overcurrent protection is required to be provided by end product application
per the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
Standard Models
Ø50 mm
[1.97”]
66 mm
[2.6”]
55 mm
[2.17”]
35 mm
[1.38”]
M30 x 1.5
M12 x 1
Compact Models
17 mm
[0.67”]
37.0 mm
[1.46”] 48.0 mm
[1.89”]
Ø50 mm
[1.97”]
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Pro Editor Hardware
MQDC-506-USB
•
Pro Converter Cable
•
1.83 m (6 ft) length 5-pin M12
quick disconnect to Device and
USB to PC
•
Required for connection to Pro
Editor
CSB-M1251FM1251M
•
5-pin parallel Y splitter (Male-Male-
Female)
•
For full Pro Editor preview
capability
•
Requires external power supply,
sold separately
PSW-24-1
•
24 V DC, 1 A power supply
•
2 m (6.5 ft) PVC cable with M12
quick disconnect
•
Provides external power with
splitter cable, sold separately
ACC-PRO-CABLE5
•
Mating accessory for cabled and
terminal models
•
150 mm (6 inch) PVC cable with
M12 quick disconnect
•
Lever wire nuts included (qty 5)
•
Required to connect cabled
models and screw terminal models
to Pro Converter Cable, sold
separately
x5
K50 Pro Touch Button
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 207477 Rev. F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com