Electronic Components Datasheet Search
  English  ▼

X  

K50 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # K50
Description  Pro Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  K50 Datasheet HTML 1Page - Banner Engineering Corp. K50 Datasheet HTML 2Page - Banner Engineering Corp. K50 Datasheet HTML 3Page - Banner Engineering Corp. K50 Datasheet HTML 4Page - Banner Engineering Corp. K50 Datasheet HTML 5Page - Banner Engineering Corp. K50 Datasheet HTML 6Page - Banner Engineering Corp. K50 Datasheet HTML 7Page - Banner Engineering Corp. K50 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MQDC-801-5M-PRO
•
8-pin to 5-pin double-ended
cordset
•
0.31 m (1 ft) PVC cable with M12
quick disconnects
•
Required to connect 8-pin Pro
Series-enabled devices to Pro
Converter Cable (MQDC-506-
USB), sold separately
Cordsets
5-Pin Threaded M12 Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.5 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
2 m (6.5 ft)
MQDC1-515
5 m (16.4 ft)
MQDC1-530
9 m (29.5 ft)
MQDC1-506RA
2 m (6.5 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
5 m (16.4 ft)
MQDC1-530RA
9 m (29.5 ft)
5-Pin Threaded M12 Stainless Steel Washdown Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-WDSS-0506
2 m (6.56 ft)
Straight
43.5 mm
Ø4.8 mm
Ø15.5 mm
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC-WDSS-0515
5 m (16.4 ft)
MQDC-WDSS-0530
9 m (29.5 ft)
8-Pin Threaded M12 Cordsets with Open-Shield—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC2S-806
2.04 m (6.7 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
5
4
3
2
8
1
7
6
1 = White
2 = Brown
3 = Green
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
MQDC2S-815
5.04 m (16.54 ft)
MQDC2S-830
10.04 m (32.95 ft)
MQDC2S-850
16 m (52.49 ft)
K50 Pro Touch Button
P/N 207477 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com