Electronic Components Datasheet Search
  English  ▼

X  

K50 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # K50
Description  Pro Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  K50 Datasheet HTML 1Page - Banner Engineering Corp. K50 Datasheet HTML 2Page - Banner Engineering Corp. K50 Datasheet HTML 3Page - Banner Engineering Corp. K50 Datasheet HTML 4Page - Banner Engineering Corp. K50 Datasheet HTML 5Page - Banner Engineering Corp. K50 Datasheet HTML 6Page - Banner Engineering Corp. K50 Datasheet HTML 7Page - Banner Engineering Corp. K50 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Table 2: RGB Multicolor Color/Function Definition
Red
Yellow
Green
Cyan
Blue
Magenta
White
Amber
Rose
Lime
Green
Orange
Sky
Blue
Violet
Spring
Green
Input 1
X
X
X
X
X
X
X
Input 2
X
X
X
X
X
X
X
Input 3
X
X
X
X
X
X
X
Input 4
X
X
X
X
X
X
X
Specifications
Supply Voltage
12 V DC to 30 V DC
Supply Current
175 mA maximum current at 12 V DC (exclusive of load)
93 mA maximum current at 24 V DC (exclusive of load)
82 mA maximum current at 30 V DC (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Leakage Current Immunity
400 µA
Output Rating
Maximum load: 150 mA
ON-state saturation voltage: < 2 V DC at 10 mA; <2.5 V DC at 150 mA
OFF-state leakage current: <10 µA at 30 V DC
Pro Editor Configuration
Connection to Pro Editor software enables control of:
•
Animation: Steady, Flash, Two Color Flash, 50/50, 50/50 Rotate,
Chase, Intensity Sweep, Demo
•
Color: Green, Red, Yellow, Blue, White, Cyan, Magenta, Amber,
Rose, Lime Green, Orange, Sky Blue, Violet, Spring Green
•
Intensity: Low, Medium, High
•
Speed: Slow, Standard, Fast
•
Output State: Normally Open, Normally Closed, Momentary,
Latching, On Delay, Off Delay, Remember Touch State on Power
Loss
•
Vibration Feedback: On, Pattern, Off
•
Touch Sensitivity: Low, Standard, High
•
Logic Type: Three State Advanced Control (F2 Mode), Seven
State Advanced Control (F2 Mode), Four State Full Logic (Custom)
•
One pin configurable as either an input or an output
Pro Converter Cable required to interface between PC and indicator, see
Accessories on page 4
Refer to Pro Editor Manual for additional information
Output Response Time
Power-Up Delay: 500 milliseconds maximum
Input Response: 40 milliseconds maximum
Output Response: 300 milliseconds maximum
Touch Dwell Time
If touch dwells for longer than 60 seconds, the output will revert to the
untouched state
Vibration Feedback Characteristics
Max Total On-Time Per Touch: 3 seconds
Mechanical Life: 500,000 cycles
For all touch conditions, the default Vibration Feedback is On and the type of
vibration feedback is Steady
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
Humidity: 90% at +50 °C maximum relative humidity (non-condensing)
Environmental Rating
Standard Models: IP67, IP69K per DIN 40050-9
Cabled models also meet IP69K per DIN 40050-9 if the cable and cable
entrance are protected from high-pressure spray
FDA Models: IP67, IP69K per DIN 40050-9
Mounting
M30 × 1.5 threaded base, maximum torque 4.5 N·m (40 in·lbf)
Construction
Standard Model Base, Dome, and Nut: Polycarbonate
FDA Model Base, Dome, and Nut: FDA-grade copolyester
Default Indicator Characteristics
Color
Dominant
Wavelength
(nm)or Color
Temperature
(CCT)
Color
Coordinates 1
Lumen
Output
(Typical at
25 °C) 2
x
y
Green
522
0.154
0.700
16.5
Red
620
0.689
0.309
8.3
Yellow
576
0.477
0.493
23.8
Blue
466
0.140
0.054
4.6
White
5700K
0.328
0.337
25.1
Cyan
493
0.170
0.340
18.4
Magenta
–
0.379
0.172
11.1
Amber
589
0.556
0.420
15.7
Rose
–
0.515
0.220
9.1
Lime Green
562
0.388
0.561
21.4
Sky Blue
486
0.155
0.247
19.5
Orange
599
0.616
0.370
12.1
Violet
–
0.217
0.089
9.7
Spring
Green
508
0.177
0.536
17.0
1 Refer to the CIE 1931 (x,y) Chromaticity Diagram to show equivalent color with indicated color coordinates. Actual coordinates may differ ± 5%.
2 Values shown apply to dome models only. Compact models are 20% lower.
K50 Pro Touch Button
P/N 207477 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com