Electronic Components Datasheet Search
  English  ▼

X  

K50 Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # K50
Description  Pro Touch Button
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K50 Datasheet(HTML) 7 Page - Banner Engineering Corp.

  K50 Datasheet HTML 1Page - Banner Engineering Corp. K50 Datasheet HTML 2Page - Banner Engineering Corp. K50 Datasheet HTML 3Page - Banner Engineering Corp. K50 Datasheet HTML 4Page - Banner Engineering Corp. K50 Datasheet HTML 5Page - Banner Engineering Corp. K50 Datasheet HTML 6Page - Banner Engineering Corp. K50 Datasheet HTML 7Page - Banner Engineering Corp. K50 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMBAMS30P
•
Flat SMBAMS series bracket
•
30 mm hole for mounting
sensors
•
Articulation slots for 90°+
rotation
•
12-ga. 300 series stainless steel
45
93
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMBAMS30RA
•
Right-angle SMBAMS series
bracket
•
30 mm hole for mounting
sensors
•
Articulation slots for 90°+
rotation
•
12-ga. (2.6 mm) cold-rolled steel
53
48
45
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
TC-K50-CL
•
Touch cover
Ø A
B
Diameter: A = 67 mm
Height: B = 42.5 mm
Standard Laser Marking Options
Circle Icon
(add -CRCLI to model
number)
Power/Start Icon
(add -STRTI to model
number)
Stop Icon
(add -STOPI to model
number)
Reset Icon
(add -RSETI to model
number)
Example: K50PTAMGRY3Q-RSETI
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date
of shipment. Banner Engineering Corp. will repair or replace, free of charge, any product of its manufacture which, at the time it is
returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability
for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED
(INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT
SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR ANY EXTRA
COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES
RESULTING FROM ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER
ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY, NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any
obligations or liabilities relating to any product previously manufactured by Banner Engineering Corp. Any misuse, abuse, or
improper application or installation of this product or use of the product for personal protection applications when the product is
identified as not intended for such purposes will void the product warranty. Any modifications to this product without prior express
approval by Banner Engineering Corp will void the product warranties. All specifications published in this document are subject to
change; Banner reserves the right to modify product specifications or update documentation at any time. Specifications and product
information in English supersede that which is provided in any other language. For the most recent version of any documentation,
refer to: www.bannerengineering.com.
For patent information, see www.bannerengineering.com/patents.
FCC Part 15
This device complies with Part 15 of the FCC Rules. This equipment generates, uses, and can radiate radio frequency energy and, if
not installed and used in accordance with the instruction manual, may cause harmful interference to radio communications.
Operation is subject to the following two conditions: 1) This device may not cause harmful interference; and 2) This device must
accept any interference received, including interference that may cause undesired operation.
K50 Pro Touch Button
P/N 207477 Rev. F
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com